Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4051 Datasheet(PDF) 7 Page - ON Semiconductor

Part # HC4051
Description  High-Performance Silicon-Gate CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC4051 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button HC4051 Datasheet HTML 3Page - ON Semiconductor HC4051 Datasheet HTML 4Page - ON Semiconductor HC4051 Datasheet HTML 5Page - ON Semiconductor HC4051 Datasheet HTML 6Page - ON Semiconductor HC4051 Datasheet HTML 7Page - ON Semiconductor HC4051 Datasheet HTML 8Page - ON Semiconductor HC4051 Datasheet HTML 9Page - ON Semiconductor HC4051 Datasheet HTML 10Page - ON Semiconductor HC4051 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
VCC
VEE
Limit*
Symbol
Parameter
Condition
VCC
V
VEE
V
25
°C
Unit
BW
Maximum On–Channel Bandwidth
Mi i
F
R
fin = 1MHz Sine Wave; Adjust fin Voltage to
Obt i 0dB
t V
If F
‘51
‘52
‘53
MHz
or Minimum Frequency Response
(Figure 6)
Obtain 0dBm at VOS; Increase fin Frequency
Until dB Meter Reads –3dB;
RL = 50Ω, CL = 10pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
80
80
80
95
95
95
120
120
120
—
Off–Channel Feedthrough Isolation
(Figure 7)
fin = Sine Wave; Adjust fin Voltage to Obtain
0dBm at VIS
fin = 10kHz, RL = 600Ω, CL = 50pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
–50
–50
–50
dB
fin = 1.0MHz, RL = 50Ω, CL = 10pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
–40
–40
–40
—
Feedthrough Noise.
Channel–Select Input to Common
I/O (Figure 8)
Vin ≤ 1MHz Square Wave (tr = tf = 6ns);
Adjust RL at Setup so that IS = 0A;
Enable = GND
RL = 600Ω, CL = 50pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
25
105
135
mVPP
RL = 10kΩ, CL = 10pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
35
145
190
—
Crosstalk Between Any Two
Switches (Figure 12)
(Test does not apply to HC4051)
fin = Sine Wave; Adjust fin Voltage to Obtain
0dBm at VIS
fin = 10kHz, RL = 600Ω, CL = 50pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
–50
–50
–50
dB
fin = 1.0MHz, RL = 50Ω, CL = 10pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
–60
–60
–60
THD
Total Harmonic Distortion
(Figure 14)
fin = 1kHz, RL = 10kΩ, CL = 50pF
THD = THDmeasured – THDsource
VIS = 4.0VPP sine wave
VIS = 8.0VPP sine wave
VIS = 11.0VPP sine wave
2.25
4.50
6.00
–2.25
–4.50
–6.00
0.10
0.08
0.05
%
* Limits not tested. Determined by design and verified by qualification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com