Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4051 Datasheet(PDF) 8 Page - ON Semiconductor

Part # HC4051
Description  High-Performance Silicon-Gate CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC4051 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button HC4051 Datasheet HTML 4Page - ON Semiconductor HC4051 Datasheet HTML 5Page - ON Semiconductor HC4051 Datasheet HTML 6Page - ON Semiconductor HC4051 Datasheet HTML 7Page - ON Semiconductor HC4051 Datasheet HTML 8Page - ON Semiconductor HC4051 Datasheet HTML 9Page - ON Semiconductor HC4051 Datasheet HTML 10Page - ON Semiconductor HC4051 Datasheet HTML 11Page - ON Semiconductor HC4051 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
Figure 1a. Typical On Resistance, VCC – VEE = 2.0 V
Figure 1b. Typical On Resistance, VCC – VEE = 4.5 V
Figure 1c. Typical On Resistance, VCC – VEE = 6.0 V
Figure 1d. Typical On Resistance, VCC – VEE = 9.0 V
Figure 1e. Typical On Resistance, VCC – VEE = 12.0 V
Figure 2. On Resistance Test Set–Up
1.0 2.0
300
250
200
150
100
50
0
0
0.25 0.50 0.75
1.0
1.25
1.5
1.75
2.0
2.25
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
120
105
90
75
60
45
0
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
90
75
60
45
30
15
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
80
70
60
50
40
30
0
0
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
25°C
-55°C
125°C
25°C
-55°C
125°C
30
15
5.0 5.5 6.0
25°C
-55°C
125°C
25°C
-55°C
125°C
20
10
3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0
25°C
-55°C
125°C
PLOTTER
MINI COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
DEVICE
UNDER TEST
+
-
ANALOG IN
COMMON OUT
GND
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com