Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4051 Datasheet(PDF) 6 Page - ON Semiconductor

Part # HC4051
Description  High-Performance Silicon-Gate CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC4051 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button HC4051 Datasheet HTML 2Page - ON Semiconductor HC4051 Datasheet HTML 3Page - ON Semiconductor HC4051 Datasheet HTML 4Page - ON Semiconductor HC4051 Datasheet HTML 5Page - ON Semiconductor HC4051 Datasheet HTML 6Page - ON Semiconductor HC4051 Datasheet HTML 7Page - ON Semiconductor HC4051 Datasheet HTML 8Page - ON Semiconductor HC4051 Datasheet HTML 9Page - ON Semiconductor HC4051 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
VCC
Guaranteed Limit
Symbol
Parameter
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Channel–Select to Analog Output
(Figure 9)
2.0
4.5
6.0
370
74
63
465
93
79
550
110
94
ns
tPLH,
tPHL
Maximum Propagation Delay, Analog Input to Analog Output
(Figure 10)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.0
4.5
6.0
290
58
49
364
73
62
430
86
73
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to Analog Output
(Figure 11)
2.0
4.5
6.0
345
69
59
435
87
74
515
103
87
ns
Cin
Maximum Input Capacitance, Channel–Select or Enable Inputs
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
35
35
35
pF
(All Switches Off)
Common O/I: HC4051
HC4052
HC4053
130
80
50
130
80
50
130
80
50
Feedthrough
1.0
1.0
1.0
Typical @ 25
°C, VCC = 5.0 V, VEE = 0 V
CPD
Power Dissipation Capacitance (Figure 13)*
HC4051
HC4052
HC4053
45
80
45
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com