Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2249AL Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2249AL Datasheet HTML 1Page - Princeton Technology Corp PT2249AL Datasheet HTML 2Page - Princeton Technology Corp PT2249AL Datasheet HTML 3Page - Princeton Technology Corp PT2249AL Datasheet HTML 4Page - Princeton Technology Corp PT2249AL Datasheet HTML 5Page - Princeton Technology Corp PT2249AL Datasheet HTML 6Page - Princeton Technology Corp PT2249AL Datasheet HTML 7Page - Princeton Technology Corp PT2249AL Datasheet HTML 8Page - Princeton Technology Corp PT2249AL Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 4 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
PIN DESCRIPTION
Pin No.
Pin Name
PT2249A
PT2249A-SN
PT2249AL
PT2249AHN
PT2250A
I/O
Description
Vss
1
1
1
-
Negative Power Supply
RXIN
2
2
2
I
Receiver Input.
Instruction signal with carrier wave
eliminated should be inputted to
this pin. Input signal may be
optionally inverted before fed into
internal decoding circuit.
HP1 ~ HP5
3 ~ 7
3 ~ 7
3 ~ 7
O
HP6
-
-
8
O
Hold Pulse.
As long as proper signal is
received, this output is held at “H”
level. (approximately 160ms will
be “0” after key is released.)
CP1
-
9
10
O
CP2
-
8
9
O
Cyclic Pulse.
When receiving signal is inputted,
CP1/CP2 is inversed. CP1 output
may be optionally governed by
(dependent to) the output state of
CP2. See Functional Description
for details.
SP1 ~ SP3
12 ~ 10
12 ~ 10
20 ~ 18
O
SP4
9
-
17
O
SP5
8
-
16
O
SP6 ~ SP10
-
-
15 ~ 11
O
Single Pulse.
When the receiving signal is
inputted, the active output will be
at “H” level only for a fixed
duration of time (approximately
107 msec), then it will return to “L”
level.
CODE1
-
-
22
I
CODE2
14
14
21
I
CODE3
13
13
-
I
Tx/Rx Matching Code.
Transmitter Code is compared
with a code set at this terminals
and if matched, input is accepted.
OSC
15
15
23
I/O
OSC Input/Output.
A resistor and a capacitor are in
parallel connection between this
terminal and Vss.
Vcc
16
16
24
-
Positive Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com