Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2249AL Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2249AL Datasheet HTML 2Page - Princeton Technology Corp PT2249AL Datasheet HTML 3Page - Princeton Technology Corp PT2249AL Datasheet HTML 4Page - Princeton Technology Corp PT2249AL Datasheet HTML 5Page - Princeton Technology Corp PT2249AL Datasheet HTML 6Page - Princeton Technology Corp PT2249AL Datasheet HTML 7Page - Princeton Technology Corp PT2249AL Datasheet HTML 8Page - Princeton Technology Corp PT2249AL Datasheet HTML 9Page - Princeton Technology Corp PT2249AL Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 6 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
RECEIVING SIGNAL CHECK
The receiving signal check is used to check 2 cycle transmitting signals sent from the transmitter to
determine if it is a normal signal.
First, the data is stored in the 12-bit shift register. Then, when the second data is pushed into the shift
register, the data is forced out of the shift register by one bit where the first data has been stored. The
“pushed out” data and the incoming data are checked to see if they match. If there is an error in the
receiving signal of the 12-bit data check, the system is reset at that point. Conversely, when all
receiving data are checked OK, (HP1 ~ HP6 signals) outputs are raised from “L” level to “H” level.
CODE COMPARISON
To prevent interference with other models: C1, C2, and C3 code bits are provided to check whether the
transmitter and receiver codes match.
It is only when both codes match that the internal latch strobe pulse is generated to latch the receiving
data. The output is then raised from “L” level to “H” level. If both codes do not match, no latch strobe
pulse is generated and the output remains at “L” level (HPs and SPs) or unchanged (CPs).
The Code Bits used differ depending on the receiver. Please refer below.
Rx
PT2248 Code Pin
PT2249A
PT2250A
T1 (C1 Code)
Diode
C1
T2 (C2 Code)
C2
C2
T3 (C3 Code)
C3
Diode
Note: where C1, C2, C3 will be “1” if one diode is connected between CODE and Tn pins; n=1 to 3 in
PT2248; otherwise will be set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com