Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2249AL Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2249AL Datasheet HTML 1Page - Princeton Technology Corp PT2249AL Datasheet HTML 2Page - Princeton Technology Corp PT2249AL Datasheet HTML 3Page - Princeton Technology Corp PT2249AL Datasheet HTML 4Page - Princeton Technology Corp PT2249AL Datasheet HTML 5Page - Princeton Technology Corp PT2249AL Datasheet HTML 6Page - Princeton Technology Corp PT2249AL Datasheet HTML 7Page - Princeton Technology Corp PT2249AL Datasheet HTML 8Page - Princeton Technology Corp PT2249AL Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 5 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
FUNCTIONAL DESCRIPTION
OSCILLATION CIRCUIT
Timing with transmitter signal and internal operating clock are all decided by this oscillator.
Using CMOS Technology, the oscillator of PT2248 transmitter is constructed through a combination of
a linear amplifier by connecting C and R between the oscillator terminal and Vss.
Notes:
1. R=39K±5%
2. C=100pF±5%
RECEIVING SIGNAL INPUT CIRCUIT
The signal is received by IR receiver module and the wave is infused into the IC.
The RXIN has a built-in Schmitt trigger circuit for shaping received signal waveform to eliminate
rounding. PTC has made available various options to suit IR receiving module with positive or negative
output. PT2249A Series / PT2250A Series with “N” Option was specially designed for IR modules with
negative output. PT2249A Series / PT2250A Series without the “N” Option were specially designed for
IR receiving modules with positive output. In these two options, IR signals without external inversion
can be fed into the RXIN directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com