Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2249AL Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2249AL Datasheet HTML 5Page - Princeton Technology Corp PT2249AL Datasheet HTML 6Page - Princeton Technology Corp PT2249AL Datasheet HTML 7Page - Princeton Technology Corp PT2249AL Datasheet HTML 8Page - Princeton Technology Corp PT2249AL Datasheet HTML 9Page - Princeton Technology Corp PT2249AL Datasheet HTML 10Page - Princeton Technology Corp PT2249AL Datasheet HTML 11Page - Princeton Technology Corp PT2249AL Datasheet HTML 12Page - Princeton Technology Corp PT2249AL Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 9 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
Under abnormal conditions where intolerable interference of any kind would cause the receiver to
receive only one matched code word during the last transmission (please refer to the diagram above),
then approximately 160ms after the key is released and the hold shot output (continuous signal) is
stopped, the output is reversed to “L” level.
Under any condition, the HP1 ~ HP6 are able to drive simultaneously a maximum of six outputs at “H”
Level by the continuous signals sent from the transmitter. These functions are most applicable for
REC-PLAY, REC-PAUSE and CUE/REVIEW of the Tape Deck.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com