Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2249AL Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2249AL Datasheet HTML 1Page - Princeton Technology Corp PT2249AL Datasheet HTML 2Page - Princeton Technology Corp PT2249AL Datasheet HTML 3Page - Princeton Technology Corp PT2249AL Datasheet HTML 4Page - Princeton Technology Corp PT2249AL Datasheet HTML 5Page - Princeton Technology Corp PT2249AL Datasheet HTML 6Page - Princeton Technology Corp PT2249AL Datasheet HTML 7Page - Princeton Technology Corp PT2249AL Datasheet HTML 8Page - Princeton Technology Corp PT2249AL Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 1 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
DESCRIPTION
The PT2249A_PT2250A Series are infra-red remote control receivers utilizing CMOS Technology.
Remote Control System can be constructed together with the PT2248 remote control encoder. The
PT2249A Series are packaged in 16 pins DIP (PT2249A version is also available in SOP package) and
are capable of controlling 10 functions while the PT2250A Series are packaged in 24 pins DIP and are
capable of controlling 18 functions. Several options, inverting/non-inverting IR signal input and/or
dependent/independent cyclic (toggle) outputs, are provided to fit different application needs.
FEATURES
• CMOS technology
• Low power consumption
• Very high noise immunity
• Able to output parallel multiple keying signals sent from the transmitter (PT2249A is able to output
up to 5 functions simultaneously while PT2250A is able to output up to 6 functions simultaneously)
• Outputs for single pulse, hold pulse and cyclic pulse are provided
• A single terminal type oscillator by means of RC is provided
• Code detection circuit prevents interference from various types of machines and apparatus
• Digital filtering and code checking prevent interference from light sources such as PL lamp without
sacrificing the receiving sensitivity
APPLICATIONS
• Audio equipment remote control
• Television (TV) remote control
• Video Cassette Recorder (VCR) remote control


Similar Part No. - PT2249AL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2249AL PTC-PT2249AL Datasheet
48Kb / 6P
Infrared Remote Control Receiver
PT2249ALN PTC-PT2249ALN Datasheet
48Kb / 6P
Infrared Remote Control Receiver
More results

Similar Description - PT2249AL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
Infrared Remote Control Receiver
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
REMOTE CONTROL RECEIVER
logo
New Japan Radio
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
INFRARED REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
REMOTE CONTROL RECEIVER
logo
New Japan Radio
NJL31H360A NJRC-NJL31H360A Datasheet
143Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
INFRARED REMOTE CONTROL RECEIVER
logo
ADTech
ADT2520BXX ADTECH-ADT2520BXX Datasheet
32Kb / 1P
Miniaturized receiver IC for infrared remote control system
ADT2530FXX ADTECH-ADT2530FXX Datasheet
36Kb / 1P
Miniaturized receiver IC for infrared remote control system
ADT2690 ADTECH-ADT2690 Datasheet
30Kb / 1P
Miniaturized receiver IC for infrarred remote control system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com