Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC060 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 6Page - Maxim Integrated Products VSC060 Datasheet HTML 7Page - Maxim Integrated Products VSC060 Datasheet HTML 8Page - Maxim Integrated Products VSC060 Datasheet HTML 9Page - Maxim Integrated Products VSC060 Datasheet HTML 10Page - Maxim Integrated Products VSC060 Datasheet HTML 11Page - Maxim Integrated Products VSC060 Datasheet HTML 12Page - Maxim Integrated Products VSC060 Datasheet HTML 13Page - Maxim Integrated Products VSC060 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 166 page
background image
10 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
REVISION HISTORY
This section describes changes that have been implemented in this document. The changes are listed by revision,
starting with the most recent publication.
Revision 4.1
Revision 4.1 of this data sheet was published in January 2008. The following is a summary of the changes
implemented in the data sheet.
●
The power supply voltage for the recommended operating conditions were corrected. The minimum power
supply voltage is 3.0 V and maximum is 3.6 V. For more information, see Table 21, page 152.
Revision 4.0
Revision 4.0 of this data sheet was published in April 2007. The following is a summary of the changes implemented
in the data sheet:
●
The electrostatic discharge voltage was added. For charged device model, it is ±1500 V. For human body
model, it is a Class 2 rating.
●
The moisture sensitivity is now specified as level 3.
Revision 2.0
Revision 2.0 of this data sheet was published in October 2006. This is the first publication of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com