Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC060 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 20Page - Maxim Integrated Products VSC060 Datasheet HTML 21Page - Maxim Integrated Products VSC060 Datasheet HTML 22Page - Maxim Integrated Products VSC060 Datasheet HTML 23Page - Maxim Integrated Products VSC060 Datasheet HTML 24Page - Maxim Integrated Products VSC060 Datasheet HTML 25Page - Maxim Integrated Products VSC060 Datasheet HTML 26Page - Maxim Integrated Products VSC060 Datasheet HTML 27Page - Maxim Integrated Products VSC060 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 166 page
background image
24 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
3.2
Control Register Definitions
The control register definitions provides a bit-level description of all register bits, including power on and
default values. The terms set and assert refer to bits that are programmed to a binary 1. The terms reset, de-
assert, and clear refer to bits that are programmed to a binary 0. Reserved bits are represented by RES and
always return an unknown value. These bits should be masked. Bits that are reserved should never be set to
a binary 1, because these bits may be defined in future versions of the device.
3.2.1
00h: General-Purpose I/O Port 0 Data (GPD0)
The following table shows the bit assignments for the General-Purpose I/O Port 0 Data register.
Register Name:
GPD0
Address:
00h
Reset Value:
XXXX_XXXXb
Bit
Bit Label
Access
Description
7:0
GPD0.7–0
R/W
General-Purpose Data
When the I/O pin is enabled as an output, writing these bits determines the data value
that will be present on the corresponding I/O pin.
If the I/O pin is enabled as an input, reading these register bits represent the current
voltage applied to the pin. At no time do the bits directly represent the value latched
into the data register.
If a pin is enabled as an input and there is no signal applied, weak internal pull-up
resistors hold the pin at a binary 1.
After a reset or power on, the register bits are set to a binary 1, however, the value
returned from a register read is the level applied to the pin since each pin is an input
by default.
Figure 3. I/O Port Block Diagram
D
CK
Q
Filter
GPD Read Data
GPD Write Data
DD Write Data
DD Read Data
I/O Port
D
CK
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com