Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC060 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 13Page - Maxim Integrated Products VSC060 Datasheet HTML 14Page - Maxim Integrated Products VSC060 Datasheet HTML 15Page - Maxim Integrated Products VSC060 Datasheet HTML 16Page - Maxim Integrated Products VSC060 Datasheet HTML 17Page - Maxim Integrated Products VSC060 Datasheet HTML 18Page - Maxim Integrated Products VSC060 Datasheet HTML 19Page - Maxim Integrated Products VSC060 Datasheet HTML 20Page - Maxim Integrated Products VSC060 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 166 page
background image
17 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
21h
R/W
PBC1
Port Bypass Control 1 Register
22h
R/W
PBC2
Port Bypass Control 2 Register
23h
R/W
PBC3
Port Bypass Control 3 Register
24h
R/W
PBC4
Port Bypass Control 4 Register
25h
R/W
PBC5
Port Bypass Control 5 Register
26h
R/W
PBC6
Port Bypass Control 6 Register
27h
R/W
PBC7
Port Bypass Control 7 Register
28h
R/W
PBC8
Port Bypass Control 8 Register
29h
R/W
PBC9
Port Bypass Control 9 Register
2Ah
R/W
PBC10
Port Bypass Control 10 Register
2Bh
R/W
PBC11
Port Bypass Control 11 Register
2Ch
R/W
PBC12
Port Bypass Control 12 Register
2Dh
R/W
PBC13
Port Bypass Control 13 Register
2Eh
R/W
PBC14
Port Bypass Control 14 Register
2Fh
R/W
PBC15
Port Bypass Control 15 Register
30h
R/W
FSC0
Fan Speed Control 0 Register
31h
R/W
FSCO0
Fan Speed Count Overflow 0 Register
32h
R
FSCC0
Fan Speed Current Count 0 Register
34h
R/W
FSC1
Fan Speed Control 1 Register
35h
R/W
FSCO1
Fan Speed Count Overflow 1 Register
36h
R
FSCC1
Fan Speed Current Count 1 Register
38h
R/W
FSC2
Fan Speed Control 2 Register
39h
R/W
FSCO2
Fan Speed Count Overflow 2 Register
3Ah
R
FSCC2
Fan Speed Current Count 2 Register
3Ch
R/W
FSC3
Fan Speed Control 3 Register
3Dh
R/W
FSCO3
Fan Speed Count Overflow 3 Register
3Eh
R
FSCC3
Fan Speed Current Count 3 Register
40h
R/W
FSC4
Fan Speed Control 4 Register
41h
R/W
FSCO4
Fan Speed Count Overflow 4 Register
42h
R
FSCC4
Fan Speed Current Count 4 Register
44h
R/W
FSC5
Fan Speed Control 5 Register
45h
R/W
FSCO5
Fan Speed Count Overflow 5 Register
46h
R
FSCC5
Fan Speed Current Count 5 Register
48h
R/W
FSC6
Fan Speed Control 6 Register
49h
R/W
FSCO6
Fan Speed Count Overflow 6 Register
4Ah
R
FSCC6
Fan Speed Current Count 6 Register
4Ch
R/W
FSC7
Fan Speed Control 7 Register
4Dh
R/W
FSCO7
Fan Speed Count Overflow 7 Register
4Eh
R
FSCC7
Fan Speed Current Count 7 Register
50h
R/W
FSC8
Fan Speed Control 8 Register
Table 2. Register Map (continued)
Data Memory
Address
Access
Label
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com