Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC060 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 14Page - Maxim Integrated Products VSC060 Datasheet HTML 15Page - Maxim Integrated Products VSC060 Datasheet HTML 16Page - Maxim Integrated Products VSC060 Datasheet HTML 17Page - Maxim Integrated Products VSC060 Datasheet HTML 18Page - Maxim Integrated Products VSC060 Datasheet HTML 19Page - Maxim Integrated Products VSC060 Datasheet HTML 20Page - Maxim Integrated Products VSC060 Datasheet HTML 21Page - Maxim Integrated Products VSC060 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 166 page
background image
18 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
51h
R/W
FSCO8
Fan Speed Count Overflow 8 Register
52h
R
FSCC8
Fan Speed Current Count 8 Register
54h
R/W
FSC9
Fan Speed Control 9 Register
55h
R/W
FSCO9
Fan Speed Count Overflow 9 Register
56h
R
FSCC9
Fan Speed Current Count 9 Register
58h
R/W
FSC10
Fan Speed Control 10 Register
59h
R/W
FSCO10
Fan Speed Count Overflow 10 Register
5Ah
R
FSCC10
Fan Speed Current Count 10 Register
5Ch
R/W
FSC11
Fan Speed Control 11 Register
5Dh
R/W
FSCO11
Fan Speed Count Overflow 11 Register
5Eh
R
FSCC11
Fan Speed Current Count 11 Register
60h
R/W
FSC12
Fan Speed Control 12 Register
61h
R/W
FSCO12
Fan Speed Count Overflow 12 Register
62h
R
FSCC12
Fan Speed Current Count 12 Register
64h
R/W
FSC13
Fan Speed Control 13 Register
65h
R/W
FSCO13
Fan Speed Count Overflow 13 Register
66h
R
FSCC13
Fan Speed Current Count 13 Register
68h
R/W
FSC14
Fan Speed Control 14 Register
69h
R/W
FSCO14
Fan Speed Count Overflow 14 Register
6Ah
R
FSCC14
Fan Speed Current Count 14 Register
6Ch
R/W
FSC15
Fan Speed Control 15 Register
6Dh
R/W
FSCO15
Fan Speed Count Overflow 15 Register
6Eh
R
FSCC15
Fan Speed Current Count 15 Register
70h
R/W
PTC00
Pulse Train 0 Control 0 Register
71h
R/W
PTC01
Pulse Train 0 Control 1 Register
72h
R/W
PTC10
Pulse Train 1 Control 0 Register
73h
R/W
PTC11
Pulse Train 1 Control 1 Register
74h
R/W
PTC20
Pulse Train 2 Control 0 Register
75h
R/W
PTC21
Pulse Train 2 Control 1 Register
76h
R/W
PTC30
Pulse Train 3 Control 0 Register
77h
R/W
PTC31
Pulse Train 3 Control 1 Register
78h
R/W
PTC40
Pulse Train 4 Control 0 Register
79h
R/W
PTC41
Pulse Train 4 Control 1 Register
7Ah
R/W
PTC50
Pulse Train 5 Control 0 Register
7Bh
R/W
PTC51
Pulse Train 5 Control 1 Register
7Ch
R/W
PTC60
Pulse Train 6 Control 0 Register
7Dh
R/W
PTC61
Pulse Train 6 Control 1 Register
7Eh
R/W
PTC70
Pulse Train 7 Control 0 Register
7Fh
R/W
PTC71
Pulse Train 7 Control 1 Register
80h
R/W
BCP00
Bit Control Port 0 - Bit 0 Register
Table 2. Register Map (continued)
Data Memory
Address
Access
Label
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com