Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC060 Datasheet(PDF) 58 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 58 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 54Page - Maxim Integrated Products VSC060 Datasheet HTML 55Page - Maxim Integrated Products VSC060 Datasheet HTML 56Page - Maxim Integrated Products VSC060 Datasheet HTML 57Page - Maxim Integrated Products VSC060 Datasheet HTML 58Page - Maxim Integrated Products VSC060 Datasheet HTML 59Page - Maxim Integrated Products VSC060 Datasheet HTML 60Page - Maxim Integrated Products VSC060 Datasheet HTML 61Page - Maxim Integrated Products VSC060 Datasheet HTML 62Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 166 page
background image
58 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
3.2.48 39h: Fan Speed Count Overflow 2 (FSCO2)
The following table shows the bit assignments for the Fan Speed Count Overflow 2 register. This register
functions same the Fan Speed Count Overflow 0 register except it affects the P1.2 pin.
3.2.49 3Ah: Fan Speed Current Count 2 (FSCC2)
The following table shows the bit assignments for the Fan Speed Current Count 2 register. This register
functions same the Fan Speed Current Count 0 register except it affects the P1.2 pin.
Register Name:
FSCO2
Address:
39h
Reset Value:
0000_0000b
Bit
Bit Label
Access
Description
7:0
FSCO7-0
R/W
Fan Speed Count Overflow
These eight bits are compared to the 8-bit fan speed counter. If the counter
exceeds this value, an interrupt is generated. This register should be loaded
prior to setting the FSCEN bit in the FSC2 register to avoid generating
unintentional interrupts.
The overflow count value can be determined using the following equation,
where FF% is equal to the percentage of nominal RPM that constitutes a fan
failure:
Decimal overflow count value = (1,200,000) / (RPM × divisor × FF%)
Based on the above equation, a divisor of 8, and a detected fan failure at 70%
of nominal RPM, the fan speed monitoring logic can support a low-end nominal
RPM of 850. High-end RPM values are basically unlimited; however, counter
resolution is diminished above 8000 RPM.
Register Name:
FSCC2
Address:
3Ah
Reset Value:
0000_0000b
Bit
Bit Label
Access
Description
7:0
FSCC7-0
R
These eight bits, when enabled by setting the FSCEN bit in the FSC2 register,
provide the user with an accurate binary fan speed count value that can be
used to determine the current RPM value of the fan. A minimum of one
complete revolution of the fan is required to generate an accurate fan speed
count value. The following equation can be used to determine the current RPM
value of the fan:
RPM = (1,200,000) / (Decimal count value × divisor)
When the result of a read of this register is 00h, an accurate fan speed count
value is not generated, indicating that the fan has not completed a minimum of
one revolution.
When the result of a read of this register is FFh, the fan is rotating very slowly
or there are no tachometer pulses present.
When operating in a polled mode, with the FSIEN bit reset in the FSC2 register,
this register is automatically updated with an accurate fan speed count once
per revolution of the fan.
When operating in an Interrupt mode with the FSIEN bit set in the FSC2
register, this register is automatically updated with an accurate fan speed
count, once per revolution of the fan, until an interrupt is generated. Once the
interrupt is generated, the value remains stable until the interrupt is cleared.
When the interrupt is cleared, this register is also cleared, indicating that a valid
RPM value is in the process of being generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com