Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 29Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 30Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 31Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 32Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 33Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 34Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 35Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 36Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
33
■ PERIPHERAL RESOURCES
1.
I/O Ports
The I/O ports perform the functions of either sending data from the CPU to the I/O pins, or loading information
from the I/O into the CPU, according to the setting of the corresponding port data register (PDR) . The input/
output direction of each I/O pin can be set in individual bit units by the port direction register (DDR) for each I/O port.
The MB90480B/485B series has 84 input/output pins. The I/O ports are port 0 through port A.
(1) Port Data Registers
*1 : The R/W indication for I/O ports is somewhat different than R/W access to memory, and involves the following
operations.
• Input mode
Read : Reads the corresponding signal pin level.
Write : Writes to the output latch.
• Output mode
Read : Reads the value from the data register latch.
Write : Outputs the value to the corresponding signal pin.
*2 : The initial value of this bit is “11XXXXXXB” on MB90485B series.
PDR0
Initial value
Access
Address : 000000H
Undefined
R/W
*1
PDR1
Address : 000001H
Undefined
R/W
*1
PDR2
Address : 000002H
Undefined
R/W
*1
PDR3
Address : 000003H
Undefined
R/W
*1
PDR4
Address : 000004H
Undefined
R/W
*1
PDR5
Address : 000005H
Undefined
R/W
*1
PDR6
Address : 000006H
Undefined
R/W
*1
PDR7
Address : 000007H
Undefined
*2 R/W*1
PDR8
Address : 000008H
Undefined
R/W
*1
PDR9
Address : 000009H
Undefined
R/W
*1
PDRA
Address : 00000AH
Undefined
R/W
*1
76
5
4
3
2
1
0
P06
P07
P05
P04
P03
P02
P01
P00
76
5
4
3
2
1
0
P16
P17
P15
P14
P13
P12
P11
P10
76
5
4
3
2
1
0
P26
P27
P25
P24
P23
P22
P21
P20
P36
P37
P35
P34
P33
P32
P31
P30
76
5
4
3
2
1
0
76
5
4
3
2
1
0
P46
P47
P45
P44
P43
P42
P41
P40
P56
P57
P55
P54
P53
P52
P51
P50
76
5
4
3
2
1
0
76
5
4
3
2
1
0
P66
P67
P65
P64
P63
P62
P61
P60
P76
P77
P75
P74
P73
P72
P71
P70
76
5
4
3
2
1
0
76
5
4
3
2
1
0
P86
P87
P85
P84
P83
P82
P81
P80
P96
P97
P95
P94
P93
P92
P91
P90
76
5
4
3
2
1
0
76
5
4
3
2
1
0
⎯
⎯⎯
⎯
PA3
PA2
PA1
PA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com