Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 7Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 8Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 9Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 10Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 11Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 12Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 13Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 14Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
11
(Continued)
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1
LQFP*2
74
72
P54
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
HDE bit in the EPCR register is set to “1”, this pin functions as the
HRQ pin.
HRQ
In external bus mode, this pin functions as the hold request input
(HRQ) pin. When the HDE bit in the EPCR register is set to “0”, this
pin functions as a general purpose I/O port.
75
73
P55
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
HDE bit in the EPCR register is set to “1”, this pin functions as the
HAK pin.
HAK
In external bus mode, this pin functions as the hold acknowledge
output (HAK) pin. When the HDE bit in the EPCR register is set to
“0”, this pin functions as a general purpose I/O port.
76
74
P56
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
RYE bit in the EPCR register is set to “1”, this pin functions as the
RDY pin.
RDY
In external bus mode, this pin functions as the external ready (RDY)
input pin. When the RYE bit in the EPCR register is set to “0”, this
pin functions as a general purpose I/O port.
78
76
P57
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
CKE bit in the EPCR register is set to “1”, this pin functions as the
CLK pin.
CLK
In external bus mode, this pin functions as the machine cycle clock
(CLK) output pin. When the CKE bit in the EPCR register is set to
“0”, this pin functions as a general purpose I/O port.
38 to 41 36 to 39
P60 to P63
H
(CMOS)
These are general purpose I/O ports.
AN0 to AN3
These are the analog input pins for A/D converter.
43 to 46 41 to 44
P64 to P67
H
(CMOS)
These are general purpose I/O ports.
AN4 to AN7
These are the analog input pins for A/D converter.
27
25
P70
G
(CMOS/H)
This is a general purpose I/O port.
SIN0
This is the UART serial data input pin.
28
26
P71
F
(CMOS)
This is a general purpose I/O port.
SOT0
This is the UART serial data output pin.
29
27
P72
G
(CMOS/H)
This is a general purpose I/O port.
SCK0
This is the UART serial communication clock I/O pin.
30
28
P73
G
(CMOS/H)
This is a general purpose I/O port.
TIN0
This is the 16-bit reload timer event input pin.
31
29
P74
F
(CMOS)
This is a general purpose I/O port.
TOT0
This is the 16-bit reload timer output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com