Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 20Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 21Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 22Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 23Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 24Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 25Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 26Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 27Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 124 page
background image
MB90480B/485B Series
24
DS07-13722-11E
■ I/O MAP
(Continued)
Address
Register name
Abbreviated
register name
Read/
Write
Resource name
Initial value
00H
Port 0 data register
PDR0
R/W
Port 0
XXXXXXXXB
01H
Port 1 data register
PDR1
R/W
Port 1
XXXXXXXXB
02H
Port 2 data register
PDR2
R/W
Port 2
XXXXXXXXB
03H
Port 3 data register
PDR3
R/W
Port 3
XXXXXXXXB
04H
Port 4 data register
PDR4
R/W
Port 4
XXXXXXXXB
05H
Port 5 data register
PDR5
R/W
Port 5
XXXXXXXXB
06H
Port 6 data register
PDR6
R/W
Port 6
XXXXXXXXB
07H
Port 7 data register
PDR7
R/W
Port 7
XXXXXXXXB
(MB90480B series)
11XXXXXXB
(MB90485B series)
08H
Port 8 data register
PDR8
R/W
Port 8
XXXXXXXXB
09H
Port 9 data register
PDR9
R/W
Port 9
XXXXXXXXB
0AH
Port A data register
PDRA
R/W
Port A
----XXXXB
0BH
Up/down timer input enable
register
UDRE
R/W
Up/down timer
input control
XX000000B
0CH
Interrupt/DTP enable register
ENIR
R/W
DTP/external
interrupts
00000000B
0DH
Interrupt/DTP source register
EIRR
R/W
XXXXXXXXB
0EH
Request level setting register
ELVR
R/W
00000000B
0FH
Request level setting register
R/W
00000000B
10H
Port 0 direction register
DDR0
R/W
Port 0
00000000B
11H
Port 1 direction register
DDR1
R/W
Port 1
00000000B
12H
Port 2 direction register
DDR2
R/W
Port 2
00000000B
13H
Port 3 direction register
DDR3
R/W
Port 3
00000000B
14H
Port 4 direction register
DDR4
R/W
Port 4
00000000B
15H
Port 5 direction register
DDR5
R/W
Port 5
00000000B
16H
Port 6 direction register
DDR6
R/W
Port 6
00000000B
17H
Port 7 direction register
DDR7
R/W
Port 7
00000000B
(MB90480B series)
XX000000B
(MB90485B series)
18H
Port 8 direction register
DDR8
R/W
Port 8
00000000B
19H
Port 9 direction register
DDR9
R/W
Port 9
00000000B
1AH
Port A direction register
DDRA
R/W
Port A
----0000B
1BH
Port 4 output pin register
ODR4
R/W
Port 4
(Open-drain control)
00000000B
1CH
Port 0 input resistance register
RDR0
R/W
Port 0
(resistance control)
00000000B
1DH
Port 1 input resistance register
RDR1
R/W
Port 1
(resistance control)
00000000B
1EH
Port 7 output pin register
ODR7
R/W
Port 7
(Open-drain control)
00000000B
(MB90480B series)
XX000000B
(MB90485B series)
1FH
Analog input enable register
ADER
R/W
Port 6, A/D
11111111B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com