Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 77 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 77 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 73Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 74Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 75Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 76Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 77Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 78Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 79Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 80Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 81Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
77
20. ROM Mirror Function Select Module
The ROM mirror function selection module sets the data in ROM assigned to FF bank so that the data is read
by access to 00 bank.
(1) Register List
(2) Block Diagram
Note : Do not access ROM mirror function selection register (ROMM) on using the area of address 004000H to
00FFFFH (008000H to 00FFFFH) .
• ROM mirror function select register (ROMM)
- : Not used
Initial value
Address : 00006FH
------+1B
(
+ ) : MB90F489B : Read only, fixed at “1”
Other : Selectable, Initial value 0
R/W R/W
15
14
13
12
11
10
9
8
⎯
⎯⎯
⎯
⎯
⎯
MS
MI
(
+)
ROM
Address area
FF bank
00 bank
ROM mirror function select
F2MC-16LX bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com