Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 86 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 86 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 82Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 83Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 84Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 85Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 86Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 87Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 88Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 89Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 90Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
MB90480B/485B Series
86
DS07-13722-11E
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
* : MB90485B series only
P20 to P27, P30 to P37, P40 to P47, P70 to P77 pins can be used as 5 V I/F pin on applied 5 V to VCC5 pin.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC3
2.7
3.6
V
During normal operation
1.8
3.6
V
To maintain RAM state in stop mode
VCC5
2.7
5.5
V
During normal operation*
1.8
5.5
V
To maintain RAM state in stop mode*
“H” level input voltage
VIH
0.7 VCC
VCC
+ 0.3
V
All pins other than VIH2, VIHS, VIHM and
VIHX
VIH2
0.7 VCC
VSS
+ 5.8
V
MB90485B series only
P76, P77 pins (N-ch open drain pins)
VIHS
0.8 VCC
VCC
+ 0.3
V
Hysteresis input pins
VIHM
VCC
− 0.3
VCC
+ 0.3
V
MD pin input
VIHX
0.8 VCC
VCC
+ 0.3
V
X0A pin, X1A pin
“L” level input voltage
VIL
VSS
− 0.3
0.3 VCC
V
All pins other than VILS, VILM and VILX
VILS
VSS
− 0.3
0.2 VCC
V
Hysteresis input pins
VILM
VSS
− 0.3
VSS
+ 0.3
V
MD pin input
VILX
VSS
− 0.3
0.1
V
X0A pin, X1A pin
Operating temperature
TA
0
+ 70
°C
At external bus operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com