Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 21Page - Texas Instruments REF5025ID Datasheet HTML 22Page - Texas Instruments REF5025ID Datasheet HTML 23Page - Texas Instruments REF5025ID Datasheet HTML 24Page - Texas Instruments REF5025ID Datasheet HTML 25Page - Texas Instruments REF5025ID Datasheet HTML 26Page - Texas Instruments REF5025ID Datasheet HTML 27Page - Texas Instruments REF5025ID Datasheet HTML 28Page - Texas Instruments REF5025ID Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
10.1 Using the ADS1274EVM-PDK Plug-in
10.1.1
Channel Enable Tab
www.ti.com
Evaluating Performance with the ADCPro Software
Only one of each kind of plug-in can be loaded at a time. If you select a different plug-in, the previous
plug-in is unloaded.
The ADS1274EVM-PDK plug-in for ADCPro provides complete control over all settings of the ADS1274. It
consists of a tabbed interface (see Figure 19), with different functions available on different tabs. These
controls are described in this section.
You can adjust the ADS1274EVM settings when it is not acquiring data. During acquisition, all controls are
disabled and settings may not be changed.
When you change a setting on the ADS1274EVM plug-in, the setting immediately updates on the board.
Settings on the ADS1274EVM correspond to settings described in the ADS1274 product data sheet; see
the ADS1274 data sheet for details.
Because the effective data rate of the ADS1274 depends upon settings of the Clock Freq and Operating
Mode, the Data Rate indicator in the upper right corner of the plug-in interface is always visible and
updates whenever a setting changes that affects the data rate.
The ADS1274 can acquire from one to four channels simultaneously. The Channel Enable tab (as shown
in Figure 26) provides the control to turn each channel on or off.
Figure 26. Channel Enable
In addition, the Manual Control button (shown in Figure 27) can be used to enable or disable all the
channels.
Figure 27. Manual Channel Control
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com