Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 29 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 25Page - Texas Instruments REF5025ID Datasheet HTML 26Page - Texas Instruments REF5025ID Datasheet HTML 27Page - Texas Instruments REF5025ID Datasheet HTML 28Page - Texas Instruments REF5025ID Datasheet HTML 29Page - Texas Instruments REF5025ID Datasheet HTML 30Page - Texas Instruments REF5025ID Datasheet HTML 31Page - Texas Instruments REF5025ID Datasheet HTML 32Page - Texas Instruments REF5025ID Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
www.ti.com
Schematics and Layout
Table 8. ADS1174EVM/ADS1274EVM Bill of Materials (continued)
Item
No.
Qty
Value
Ref Des
Description
Vendor
Part Number
22
1
0.15
µF
C3
Capacitor, X7R Ceramic 0.15
µF
TDK
C1608X7R1E154KT
±10%, 25WV, Size = 0603
23
1
0.22
µF
C35
Capacitor, X7R Ceramic 0.22
µF
TDK
C1608X7R1C224KT
±10%, 16WV, Size = 0603
24
1
0.47
µF
C1
Capacitor, X5R Ceramic 0.47
µF
TDK
C1608X5R1A474KT
±10%, 10WV, Size = 0603
25
2
1
µF
C27, C81
Capacitor, X7R Ceramic 1
µF
TDK
C1608X7R1C105KT
±10%, 16WV, Size = 0603
26
1
4.7
µF
C25
Capacitor, X7R Ceramic 4.7
µF
Murata
GRM21BR61C475KA88L
±10%, 6.3WV, Size = 0805
27
5
10
µF
C21-C24, C82
Capacitor, X5R Ceramic 10
µF
TDK
C3216X5R1C106MT
±20%, 16WV, Size = 1206
28
2
22
µF
C30, C31
Capacitor, X5R Ceramic 22
µF
TDK
C3225X5R1C226MT
±20%, 16WV, Size = 1210
29
1
100
µF
C2
Capacitor, X5R Ceramic 100
µF
TDK
C3225X5R0J107MT
±20%, 6.3WV, Size = 1210
30
1
U4
Precision Delta-Sigma ADC, 4
Texas
ADS1274IPAP
Differential Input
Instruments
(ADS1274EVM) or
ADS1174IPAP
(ADS1174EVM)
31
1
U2
Precision Voltage Reference, 2.5V
Texas
REF5025ID
Instruments
32
1
U3
Operational Amplifier, Dual
Texas
OPA2350EA
Instruments
33
1
U1
Precision Voltage Reference
Texas
REF3125AIDBZ
Instruments
34
4
U8-U11
Fully-Differential Amplifier
Texas
OPA1632DGN
Instruments
35
1
U19
Single, Inverter
Texas
SN74LVC1G04DBVR
Instruments
36
1
U20
Single, D Flip-Flop
Texas
SN74LVC2G74DCTR
Instruments
35
1
U6
Single, 2-Line to 1 Data
Texas
SN74LVC2G157DCT
Selector/Multiplexer
Instruments
36
1
U16
LDO Voltage Regulator, 1.8 V, 200 Texas
TPS73018DBV
mA
Instruments
37
1
U5
Dual output 800-mA DC/DC Switch Texas
TPS65131RGET
boost converter
Instruments
38
2
U17, U18
16-Bit I2C I/O Expander
Texas
PCA9535RGE
Instruments
39
1
U21
EEPROM, 1.8V, 256K
Microchip
24AA256-I/ST
39
1
27 MHz
U7
3.3-V Oscillator
CTS
CB3LV-3I-27M0000
40
2
J5A, J9A
20-pin SMT Plug
Samtec
TSM-110-01-L-DV-P
41
2
J5B, J9B
20-pin SMT Socket
Samtec
SSW-110-22-F-D-VS-K
42
1
J3A
10-pin SMT Plug
Samtec
TSM-105-01-L-DV-P
43
1
J3B
10-pin SMT Socket
Samtec
SSW-105-22-F-D-VS-K
44
2
J2, J6
Header Strip, 4-pin ( )
Samtec
TSW-102-07-L-D
46
3
J4, J17, J18
Header Strip, 2-pin ( )
Samtec
TSW-102-07-L-S
47
4
J1, J15, J16,
Header Strip, 4-pin ( )
Samtec
TSW-103-07-L-S
J19
48
1
J7
Terminal Block 3.5-mm 9-Position
On Shore
ED555/9DS
PCB
Technology
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com