Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 12Page - Texas Instruments REF5025ID Datasheet HTML 13Page - Texas Instruments REF5025ID Datasheet HTML 14Page - Texas Instruments REF5025ID Datasheet HTML 15Page - Texas Instruments REF5025ID Datasheet HTML 16Page - Texas Instruments REF5025ID Datasheet HTML 17Page - Texas Instruments REF5025ID Datasheet HTML 18Page - Texas Instruments REF5025ID Datasheet HTML 19Page - Texas Instruments REF5025ID Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
9.3.2
Connecting a Laboratory Power Supply
9.4
Running the Software and Completing Driver Installation
ADS1274EVM-PDK Kit Operation
www.ti.com
A laboratory power supply can be connected through terminal block J14 on the MMB0, as shown in
Figure 12. Both unipolar and bipolar configurations are supported.
To use a unipolar lab power supply configuration:
• Disconnect J12 on the MMB0.
• Connect a +5V dc supply to the +5VD terminal on J14.
• Connect ground of the dc supply to the GND terminal on J14.
For bipolar mode, also connect a –10V dc supply to the –VA, and +10V on the +VA terminals on J14.
It is not necessary to connect a +5V dc supply voltage to the +5VA terminal on J14 if the +5V/+5VA
position on J13 is shorted.
Figure 12. Laboratory Power-Supply Connection
Note:
The software is continually under development. These instructions and screen images are
current at the time of this writing, but may not exactly match future releases.
The program for evaluating the ADS1274EVM-PDK is called ADCPro. This program uses plug-ins to
communicate with the EVM. The ADS1274EVM-PDK plug-in is included in the ADS1274EVM-PDK
package.
The program currently runs only on Microsoft Windows platforms of Windows XP; Windows Vista is NOT
supported.
If this is the first time installing ADCPro and plug-ins, follow these procedures to run ADCPro and
complete the necessary driver installation. Make sure the ADCPro software and device plug-in software
are installed from the CD-ROM as described in Section 9.1.
16
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com