Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 30 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 26Page - Texas Instruments REF5025ID Datasheet HTML 27Page - Texas Instruments REF5025ID Datasheet HTML 28Page - Texas Instruments REF5025ID Datasheet HTML 29Page - Texas Instruments REF5025ID Datasheet HTML 30Page - Texas Instruments REF5025ID Datasheet HTML 31Page - Texas Instruments REF5025ID Datasheet HTML 32Page - Texas Instruments REF5025ID Datasheet HTML 33Page - Texas Instruments REF5025ID Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Schematics and Layout
www.ti.com
Table 8. ADS1174EVM/ADS1274EVM Bill of Materials (continued)
Item
No.
Qty
Value
Ref Des
Description
Vendor
Part Number
49
1
N/A
ADS1274EVM or ADS1174EVM
Texas
6492532 or 6496219
PWB
Instruments
50
2
D1, D2
Schottky Diode, 20V, 1A
ON
MBRM120LT1G
Semiconductor
51
5
J10-J14
Bus Wire (18-22 Gauge)
52
2
L1, L2
Inductor, 4.7
µH, 1.8 A, 6x6mm,
EPCOS
B82462G4472M
SMD
53
5
S1-S5
Switch, Mini Slide, DPDT
NKK
SS22SDP2
54
1
S10
DIP Switch, Half-Pitch, 8-Position
C&K
TDA08H0SB1
55
1
S11
DIP Switch, Half-Pitch, 6-Position
C&K
TDA06H0SB1
56
1
S12
4PDT Slide Switch, Top Actuator
Tyco/Alcoswitch
MMS42
56
1
TP8
PCB Test Point, Large Loop,
Keystone
5011
Through-hole
Electronics
57
7
N/A
Shorting Blocks
Samtec
SNT-100-BK-G-H
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
30
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com