Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025ID
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025ID Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 11Page - Texas Instruments REF5025ID Datasheet HTML 12Page - Texas Instruments REF5025ID Datasheet HTML 13Page - Texas Instruments REF5025ID Datasheet HTML 14Page - Texas Instruments REF5025ID Datasheet HTML 15Page - Texas Instruments REF5025ID Datasheet HTML 16Page - Texas Instruments REF5025ID Datasheet HTML 17Page - Texas Instruments REF5025ID Datasheet HTML 18Page - Texas Instruments REF5025ID Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
9.2.1
About the MMB0
9.3
Connecting the Power Supply
9.3.1
Connecting an AC Adapter
www.ti.com
ADS1274EVM-PDK Kit Operation
The MMB0 is a Modular EVM System motherboard. It is designed around the TMS320VC5507 , a DSP
with an onboard USB interface from Texas Instruments. The MMB0 also has 16MB of SDRAM installed.
The MMB0 is not sold as a DSP development board, and it is not available separately. TI cannot offer
support for the MMB0 except as part of an EVM kit. For schematics or other information about the MMB0,
contact Texas Instruments.
The ADS1274EVM-PDK can be operated with a unipolar +5V supply or a combination of +5V and bipolar
±(10V to 15V) supply.
When the MMB0 DSP is powered properly, LED D2 glows green. The green light indicates that the 3.3V
supply for the MMB0 is operating properly. (It does not indicate that the EVM power supplies are
operating properly.)
An AC adapter can be connected to barrel jack J2 on the MMB0. J2 is located next to the USB connector.
The adapter must output 6V to 7V dc. The connector must be sleeve-negative, tip-positive. It should have
a current rating of at least 2A.
Jumper J12 on the MMB0 connects a wall-mounted power supply to the board. To use the wall-mount
supply, J12 must be shorted. Figure 11 illustrates how to connect an AC adapter to the MMB0.
Figure 11. Connecting an AC Adapter
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com