Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8062EVPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8062EVPBF
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062EVPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8062EVPBF Datasheet HTML 4Page - Linear Technology LTM8062EVPBF Datasheet HTML 5Page - Linear Technology LTM8062EVPBF Datasheet HTML 6Page - Linear Technology LTM8062EVPBF Datasheet HTML 7Page - Linear Technology LTM8062EVPBF Datasheet HTML 8Page - Linear Technology LTM8062EVPBF Datasheet HTML 9Page - Linear Technology LTM8062EVPBF Datasheet HTML 10Page - Linear Technology LTM8062EVPBF Datasheet HTML 11Page - Linear Technology LTM8062EVPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8062
8
8062f
8062 BD
VINA
8.2μH
SENSE
RESISTOR
10μF
0.1μF
0.1μF
RUN
VINREG
ADJ
TMR
NTC
BIAS
ADJ
GND
FAULT
CHRG
VIN
BAT
CURRENT
MODE
BATTERY
MANAGEMENT
CONTROLLER
INTERNAL
COMPENSATION
BLOCK DIAGRAM
The LTM8062 is a complete monolithic, mid-power, power
tracking battery charger, addressing high input voltage ap-
plications with solutions that use a minimum of external
components. The product can be programmed for float
voltages between 3.3V and 14.4V with just two external
resistors, operating under a 1MHz fixed frequency, average
current mode step-down architecture. A 2A power Schottky
diode is integrated within the μModule for reverse input
voltage protection. A wide input range allows the operation
to full charge from an input voltage up to 32V. A precision
threshold on the RUN pin allows the implementation of
a UVLO feature by using a simple resistor network. The
charger can also be put into a low current shutdown mode,
in which the input supply bias is reduced to only 15μA.
The LTM8062 employs an input voltage regulation loop,
which reduces charge current if a monitored input volt-
age falls below a programmed level. When the LTM8062
is powered by a solar panel, the input regulation loop
is used to maintain the panel at peak output power. The
LTM8062 automatically enters a battery precondition mode
if the sensed battery voltage is very low. In this mode,
the charge current is reduced to 300mA. Once the bat-
tery voltage climbs above the internally set precondition
threshold (2.3V at the ADJ pin), the μModule automati-
cally increases the maximum charge current to the full
programmed value.
The LTM8062 can use a charge current based C/10 termina-
tion scheme, which ends a charge cycle when the battery
charge current falls to one-tenth the programmed charge
current. The LTM8062 also contains an internal charge cycle
control timer, for timer-based termination. When using the
internal timer, the charge cycle can continue beyond the
C/10 level to top-off the battery. The charge cycle terminates
when the programmed time elapses, about three hours for
a 0.68μF timer capacitor. The CHRG status pin continues
to signal charging at a C/10 or greater rate, regardless of
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com