Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8062EVPBF Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8062EVPBF
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062EVPBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8062EVPBF Datasheet HTML 12Page - Linear Technology LTM8062EVPBF Datasheet HTML 13Page - Linear Technology LTM8062EVPBF Datasheet HTML 14Page - Linear Technology LTM8062EVPBF Datasheet HTML 15Page - Linear Technology LTM8062EVPBF Datasheet HTML 16Page - Linear Technology LTM8062EVPBF Datasheet HTML 17Page - Linear Technology LTM8062EVPBF Datasheet HTML 18Page - Linear Technology LTM8062EVPBF Datasheet HTML 19Page - Linear Technology LTM8062EVPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM8062
20
8062f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0810 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
2A Solar Panel Power Manager for Charging 2-Cell 8.4V Lithium-Ion Battery, Featuring Three Hour
Charge Time and 16V Peak Power Tracking. Battery Powers Two μModule Regulators
8062 TA04
LTM8062
LTM8023
GND
VINA
VIN
VINREG
RUN
TMR
NTC
VIN
SOLAR
POWER UNIT
BAT
BIAS
CHRG
FAULT
ADJ
4.7μF
642k
412k
499k
100k
0.68μF
LTM8021
2-CELL
Li-Ion
(2 4.2V)
BATTERY
NTC
10k
B = 3380
VOUT
VOUT
PART NUMBER
DESCRIPTION
COMMENTS
LTM4600
10A DC/DC μModule Regulator
Basic 10A DC/DC μModule, 15mm
× 15mm × 2.8mm LGA
LTM4600HVMPV
Military Plastic 10A DC/DC μModule Regulator
–55°C to 125°C Operation, 15mm
× 15mm × 2.8mm LGA
LTM4601/
LTM4601A
12A DC/DC μModule Regulator with PLL, Output
Tracking/Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4601-1 Version has no Remote
Sensing
LTM4602
6A DC/DC μModule Regulator
Pin Compatible with the LTM4600
LTM4603
6A DC/DC μModule Regulator with PLL and Output
Tracking/Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version has no Remote
Sensing, Pin Compatible with the LTM4601
LTM4604A
4A Low VIN DC/DC μModule Regulator
2.375V ≤ VIN ≤ 5V, 0.8V ≤ VOUT ≤ 5V, 9mm
× 15mm × 2.3mm LGA
LTM4608A
8A Low VIN DC/DC μModule Regulator
2.375V ≤ VIN ≤ 5V, 0.8V ≤ VOUT ≤ 5V, 9mm
× 15mm × 2.8mm LGA
LTM8020
200mA, 36V DC/DC μModule Regulator
EN55022 Class B Compliant, Fixed 450kHz Frequency, 1.25V ≤ VOUT ≤ 5V,
6.25mm
× 6.25mm × 2.32mm LGA
LTM8022
1A, 36V DC/DC μModule Regulator
Adjustable Frequency, 0.8V ≤ VOUT ≤ 5V, 9mm
× 11.25mm × 2.82mm LGA,
Pin Compatible to the LTM8023
LTM8023
2A, 36V DC/DC μModule Regulator
Adjustable Frequency, 0.8V ≤ VOUT ≤ 5V, 9mm
× 11.25mm × 2.82mm LGA,
Pin Compatible to the LTM8022
LTM8025
3A, 36V DC/DC μModule Regulator
0.8V ≤ VOUT ≤ 24V, 9mm
× 15mm × 4.32mm LGA
LTM8021
500mA, 36V DC/DC μModule Regulator
EN55022 Class B Compliant, Fixed 1.1MHz Frequency, 0.8V ≤ VOUT ≤ 5V,
6.25mm
× 11.25mm × 2.82mm LGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com