Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8062EVPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8062EVPBF
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062EVPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8062EVPBF Datasheet HTML 8Page - Linear Technology LTM8062EVPBF Datasheet HTML 9Page - Linear Technology LTM8062EVPBF Datasheet HTML 10Page - Linear Technology LTM8062EVPBF Datasheet HTML 11Page - Linear Technology LTM8062EVPBF Datasheet HTML 12Page - Linear Technology LTM8062EVPBF Datasheet HTML 13Page - Linear Technology LTM8062EVPBF Datasheet HTML 14Page - Linear Technology LTM8062EVPBF Datasheet HTML 15Page - Linear Technology LTM8062EVPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM8062
12
8062f
APPLICATIONS INFORMATION
For example, given a common 36-cell solar panel that has
the following specified characteristics:
Open Circuit Voltage (VOC) = 21.7V
Maximum Power Voltage (VMP) = 17.6V
Open-Circuit Voltage Temperature Coefficient (VOC)
= –78mV/°C
As the temperature coefficient for VMP is similar to that
of VOC, the specified temperature coefficient for VOC
(TC) of –78mV/°C and the specified peak power voltage
(VMP(25°C)) of 17.6V can be inserted into the equations
to calculate the appropriate resistor values for the tem-
perature compensation network in Figure 4. With RSET
equal to 1k, then:
RSET = 1k
RIN1 =−1k •(−0.078 • 4405)= 344k
RIN2 =
344k
17.6 + 344k •(0.0674 / 1k)
2.7
− 1
= 24.4k
Battery Voltage Temperature Compensation
Some battery chemistries have charge voltage require-
ments that vary with temperature. Lead-acid batteries in
particular experience a significant change in charge volt-
age requirements as temperature changes. For example,
manufacturers of large lead-acid batteries recommend a
float charge of 2.25V/cell at 25°C. This battery float voltage,
however, has a temperature coefficient which is typically
specified at –3.3mV/°C per cell.
Figure 5. Lead-Acid 6-Cell Float Charge Voltage vs Temperature with a –19.8mV/°C
Temperature Coefficient Using LM234 with the Feedback Network
8062 F05a
LTM8062
LINEAR
TECHNOLOGY
LM234
RFB1
210k
RFB2
43k
V+
V–
R
RSET
2.4k
BAT
ADJ
RFB3
215k
6-CELL
LEAD-ACID
BATTERY
+
TEMPERATURE (°C)
–10
10
50
40
60
020
30
8062 F05b
12.6
12.8
13.0
13.2
13.4
13.6
13.8
14.0
14.2
14.3
–19.8mV/°C
In a manner similar to the MPPT temperature correction
outlined previously, implementation of linear battery charge
voltage temperature compensation can be accomplished by
incorporating a Linear Technology LM234 into the output
feedback network. For example, a 6-cell lead acid battery
has a float charge voltage that is commonly specified at
2.25V/cell at 25°C, or 13.5V, and a –3.3mV/°C per cell
temperature coefficient, or –19.8mV/°C. Using the feedback
network shown in Figure 5, with the desired temperature
coefficient (TC) and 25°C float voltage (VFLOAT (25°C))
specified, and using a convenient value of 2.4k for RSET,
necessary resistor values follow the relations:
RFB1 = –RSET • (TC • 4405)
= –2.4k • (–0.0198 • 4405) = 210k
RFB2 =
RFB1
VFLOAT(25°C)+RFB1 •(0.0674 / RSET)
VFB
− 1
=
210k
13.5 + 210k •(0.0674 / 2.4k)
3.3
− 1
= 43k
RFB3 = 250k – RFB1||RFB2
= 250k – 210k||43k = 215k
(see the Battery Float Voltage Programming section)
While the circuit in Figure 5 creates a linear tempera-
ture characteristic that follows a typical –3.3mV/°C per
cell lead-acid specification, the theoretical float charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com