Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8062EVPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LTM8062EVPBF
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062EVPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM8062EVPBF Datasheet HTML 11Page - Linear Technology LTM8062EVPBF Datasheet HTML 12Page - Linear Technology LTM8062EVPBF Datasheet HTML 13Page - Linear Technology LTM8062EVPBF Datasheet HTML 14Page - Linear Technology LTM8062EVPBF Datasheet HTML 15Page - Linear Technology LTM8062EVPBF Datasheet HTML 16Page - Linear Technology LTM8062EVPBF Datasheet HTML 17Page - Linear Technology LTM8062EVPBF Datasheet HTML 18Page - Linear Technology LTM8062EVPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTM8062
15
8062f
APPLICATIONS INFORMATION
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
LTM8062 integration. The LTM8062 is nevertheless
a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 7
for a suggested layout. Ensure that the grounding and
heat sinking are acceptable.
1. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8062.
2. If used, place the CBAT capacitor as close as possible
to the BAT and GND connection of the LTM8062.
3. Place the CINandCBAT(ifused)capacitorssuchthattheir
ground current flows directly adjacent or underneath
the LTM8062.
4. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8062.
5. For good heat sinking, use vias to connect the GND cop-
per area to the board’s internal ground planes. Liberally
distribute these GND vias to provide both a good ground
connection and thermal path to the internal planes of the
printed circuit board. Pay attention to the location and
density of the thermal vias in Figure 5. The LTM8062
can benefit from the heat-sinking afforded by vias that
connect to internal GND planes at these locations, due to
their proximity to internal power handling components.
The optimum number of thermal vias depends upon
the printed circuit board design. For example, a board
might use very small via holes. It should employ more
thermal vias than a board that uses larger holes.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8062. However, these capacitors
can cause problems if the LTM8062 is plugged into a
live input supply (see Application Note 88 for a complete
discussion). The low loss ceramic capacitor combined
with stray inductance in series with the power source
forms an underdamped tank circuit, and the voltage at the
VIN pin of the LTM8062 can ring to more than twice the
nominal input voltage, possibly exceeding the LTM8062’s
rating and damage the part. If the input supply is poorly
controlled or the user will be plugging the LTM8062 into
an energized supply, the input network should be designed
to prevent this overshoot. This can be accomplished by
installing a small resistor in series with VIN, but the most
popular method of controlling input voltage overshoot is
ADJ
BAT
(OPTIONAL)
VIN
VINA
GND
GND
THERMAL VIAS
RUN VINREG
CIN
CBAT
8062 F07
Figure 7. Suggested Layout and Via Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com