Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5Q3 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 67Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 68Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 69Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 70Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 71Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 72Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 73Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 74Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 239 page
background image
ST10F276Z5
Bootstrap loader
71/239
Figure 13.
Reset boot sequence
Standard start
K2 is not OK
No (P0L[5..4] = ‘11’)
K2 is OK
K1 is not OK
K1 is OK
Running from test Flash
Yes (P0L[5..4] = ‘01’)
ABM / User Flash
Start at 09’0000h
Std. Bootstrap Loader
Jump to Test-Flash
User Mode / User Flash
Start at 00’0000h
RSTIN 0 to 1
Boot mode?
Yes (P0L[5..4] = ‘10’)
Software checks
user reset vector
(K1 is OK?)
Software Checks
alternate reset vector
(K2 is OK?)
Long jump to
09’0000h
SW RESET
ST test modes
No (P0L[5..4] = ‘other config.’)
Selective Bootstrap Loader
Jump to Test-Flash
Read 00’1FFCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com