Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5Q3 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 24Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 25Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 26Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 27Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 28Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 29Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 239 page
background image
Internal Flash memory
ST10F276Z5
26/239
4.2.2
Modules structure
The IFLASH module is composed by 2 banks. Bank 0 contains 384 Kbyte of program
memory divided in 10 sectors. Bank 0 contains also a reserved sector named test-Flash.
Bank 1 contains 128 Kbyte of program memory or parameter divided in 2 sectors (64 Kbyte
each).
The XFLASH module is composed by 2 banks as well. Bank 2 contains 192 Kbyte of
Program Memory divided in 3 sectors. Bank 3 contains 128 Kbyte of program memory or
parameter divided in 2 sectors (64 Kbyte each).
Addresses from 0x0E 0000 to 0x0E FFFF are reserved for the control register interface and
other internal service memory space used by the Flash program/erase controller.
The following tables show the memory mapping of the Flash when it is accessed in read
mode (Table 4), and when accessed in write or erase mode (Table 3): note that with this
second mapping, the first three banks are remapped into code segment 1 (same as
obtained when setting bit ROMS1 in SYSCON register).
Table 4.
Flash modules sectorization (read operations)
Bank
Description
Addresses
Size
ST10 bus
size
B0
Bank 0 Flash 0 (B0F0)
0x0000 0000 - 0x0000 1FFF
8 KB
32-bit (I-BUS)
Bank 0 Flash 1 (B0F1)
0x0000 2000 - 0x0000 3FFF
8 KB
Bank 0 Flash 2 (B0F2)
0x0000 4000 - 0x0000 5FFF
8 KB
Bank 0 Flash 3 (B0F3)
0x0000 6000 - 0x0000 7FFF
8 KB
Bank 0 Flash 4 (B0F4)
0x0001 8000 - 0x0001 FFFF
32 KB
Bank 0 Flash 5 (B0F5)
0x0002 0000 - 0x0002 FFFF
64 KB
Bank 0 Flash 6 (B0F6)
0x0003 0000 - 0x0003 FFFF
64 KB
Bank 0 Flash 7 (B0F7)
0x0004 0000 - 0x0004 FFFF
64 KB
Bank 0 Flash 8 (B0F8)
0x0005 0000 - 0x0005 FFFF
64 KB
Bank 0 Flash 9 (B0F9)
0x0006 0000 - 0x0006 FFFF
64 KB
B1
Bank 1 Flash 0 (B1F0)
0x0007 0000 - 0x0007 FFFF
64 KB
Bank 1 Flash 1 (B1F1)
0x0008 0000 - 0x0008 FFFF
64 KB
B2
Bank 2 Flash 0 (B2F0)
0x0009 0000 - 0x0009 FFFF
64 KB
16-bit
(X-BUS)
Bank 2 Flash 1 (B2F1)
0x000A 0000 - 0x000A FFFF
64 KB
Bank 2 Flash 2 (B2F2)
0x000B 0000 - 0x000B FFFF
64 KB
B3
Bank 3 Flash 0 (B3F0)
0x000C 0000 - 0x000C FFFF
64 KB
Bank 3 Flash 1 (B3F1)
0x000D 0000 - 0x000D FFFF
64 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com