Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5Q3 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 95Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 96Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 97Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 98Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 99Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 100Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 101Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 102Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 239 page
background image
ST10F276Z5
Serial channels
99/239
Table 57.
Synchronous baud rate and reload values (fCPU = 40 MHz)
Baud rate
Bit Time
Reload value
Reserved
---
0000h
Can be used only with fCPU = 32 MHz (or
lower)
---
0001h
6.6M Baud
150 ns
0002h
5M Baud
200 ns
0003h
2.5M Baud
400 ns
0007h
1M Baud
1
µs
0013h
100K Baud
10
µs
00C7h
10K Baud
100
µs07CFh
1K Baud
1 ms
4E1Fh
306 Baud
3.26 ms
FF4Eh
Table 58.
Synchronous baud rate and reload values (fCPU = 64 MHz)
Baud rate
Bit Time
Reload value
Reserved
---
0000h
Can be used only with fCPU = 32 MHz (or
lower)
---
0001h
Can be used only with fCPU = 48 MHz (or
lower)
---
0002h
8M Baud
125 ns
0003h
4M Baud
250 ns
0007h
1M Baud
1
µs
001Fh
100K Baud
10
µs
013Fh
10K Baud
100
µs0C7Fh
1K Baud
1 ms
7CFFh
489 Baud
2.04 ms
FF9Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com