Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5Q3 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 99Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 100Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 101Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 102Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 103Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 104Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 105Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 106Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 239 page
background image
ST10F276Z5
CAN modules
103/239
Multiple CAN bus
The ST10F276Z5 provides two CAN interfaces to support such kind of bus configuration as
shown in Figure 22.
Figure 22.
Connection to two different CAN buses (e.g. for gateway application)
Parallel mode
In addition to previous configurations, a parallel mode is supported. This is shown in
Figure 23.
Figure 23.
Connection to one CAN bus with internal Parallel mode enabled
1.
P4.4 and P4.7 when not used as CAN functions can be used as general purpose I/O while they cannot be
used as external bus address lines.
CAN_H
CAN_L
CAN bus 1
CAN_H
CAN_L
CAN bus 2
XMISC.CANPAR = 0
CAN1
RX
TX
CAN2
RX
TX
CAN
CAN
Transceiver
Transceiver
P4.4
P4.7
P4.5
P4.6
XMISC.CANPAR = 1
CAN2
RX
TX
P4.4
P4.7
P4.5
P4.6
CAN
CAN_H
CAN_L
CAN bus
Transceiver
CAN1
RX
TX
(Both CAN enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com