Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5Q3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 18Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 19Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 20Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 21Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 24Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 25Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 239 page
background image
Pin data
ST10F276Z5
22/239
EA / VSTBY
99
I
External access enable pin.
A low level applied to this pin during and after Reset forces the ST10F276Z5 to
start the program from the external memory space. A high level forces the
ST10F276Z5 to start in the internal memory space. This pin is also used (when
Standby mode is entered, that is the device under reset and main VDD turned
off) to bias the 32 kHz oscillator amplifier circuit and to provide a reference
voltage for the low-power embedded voltage regulator which generates the
internal 1.8 V supply for the RTC module (when not disabled) and to retain data
inside the Standby portion of the XRAM (16Kbyte).
It can range from 4.5 to 5.5 V (6 V for a reduced amount of time during the
device life, 4.0 V when RTC and 32 kHz on-chip oscillator amplifier are turned
off). In running mode, this pin can be tied low during reset without affecting 32
kHz oscillator, RTC and XRAM activities, since the presence of a stable VDD
guarantees the proper biasing of all those modules.
P0L.0 -P0L.7,
P0H.0
P0H.1 - P0H.7
100-107,
108,
111-117
I/O
Two 8-bit bidirectional I/O ports P0L and P0H, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the
corresponding output driver to high impedance state. The input threshold of
Port 0 is selectable (TTL or CMOS).
In case of an external bus configuration, PORT0 serves as the address (A) and
as the address / data (AD) bus in multiplexed bus modes and as the data (D) bus
in demultiplexed bus modes.
Demultiplexed bus modes
Multiplexed bus modes
P1L.0 - P1L.7
P1H.0 - P1H.7
118-125
128-135
I/O
Two 8-bit bidirectional I/O ports P1L and P1H, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the
corresponding output driver to high impedance state. PORT1 is used as the 16-
bit address bus (A) in demultiplexed bus modes: if at least BUSCONx is
configured such the demultiplexed mode is selected, the pis of PORT1 are not
available for general purpose I/O function. The input threshold of Port 1 is
selectable (TTL or CMOS).
The pins of P1L also serve as the additional (up to 8) analog input channels for
the A/D converter, where P1L.x equals ANy (Analog input channel y,
where y = x + 16). This additional function have higher priority on demultiplexed
bus function. The following PORT1 pins have alternate functions:
132
I
P1H.4
CC24IO
CAPCOM2: CC24 capture input
133
I
P1H.5
CC25IO
CAPCOM2: CC25 capture input
134
I
P1H.6
CC26IO
CAPCOM2: CC26 capture input
135
I
P1H.7
CC27IO
CAPCOM2: CC27 capture input
Table 2.
Pin description (continued)
Symbol
Pin
Type
Function
Data path width
8-bit
16-bi
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Data path width
8-bit
16-bi
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A
8 – A15
A
D8 - AD15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com