Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5Q3 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 33Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 34Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 35Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 36Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 37Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 38Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 39Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 40Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 239 page
background image
ST10F276Z5
Internal Flash memory
37/239
4.4.12
XFlash interface control register
This register is used to configure the XFLASH interface behavior on the XBUS. It allows to
set the number of wait states introduced on the XBUS before the internal READY signal is
given to the ST10 bus master.
SEQER
Sequence error
This bit is automatically set when the control registers (FCR1H/L-FCR0H/L, FARH/L,
FDR1H/L-FDR0H/L) are not correctly filled to execute a valid write operation. in this
case no write operation is executed. This bit has to be software reset.
RESER
Resume error
This bit is automatically set when a suspended program or erase operation is not
resumed correctly due to a protocol error. In this case the suspended operation is
aborted. This bit has to be software reset.
WPF
Write protection flag
This bit is automatically set when trying to program or erase in a sector write
protected. In case of multiple sector erase, the not protected sectors are erased, while
the protected sectors are not erased and bit WPF is set. This bit has to be software
reset.
Table 18.
Flash error register (continued)
Bit
Function
XFICR (0xE E000h)
XBUS
Reset value: 000Fh
15
14
13
12
11
10
987
65432
10
reserved
WS3
WS2
WS1
WS0
RW
RW
RW
RW
Table 19.
XFlash interface control register
Bit
Function
WS(3:0)
Wait state setting
These three bits are the binary coding of the number of wait states introduced by the
XFLASH interface through the XBUS internal READY signal. Default value after reset
is 1111, that is the up to 15 wait states are set. The following recommendations for the
ST10F276Z5 are hereafter reported:
For fCPU > 40 MHz1 Wait-StateWS(3:0) = ‘0001’
For fCPU ≤ 40 MHz0 Wait-StateWS(3:0) = ‘0000’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com