Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272Z2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 6Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 7Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 8Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 9Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 10Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 11Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 12Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 13Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 189 page
background image
List of figures
ST10F272Z2
10/189
Figure 49.
ST10F272Z2 PLL jitter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 161
Figure 50.
Crystal oscillator and resonator connection diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Figure 51.
32kHz crystal oscillator connection diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
Figure 52.
External clock drive XTAL1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
Figure 53.
External memory cycle: multiplexed bus, with/without read/write delay, normal ALE. . . . 168
Figure 54.
External memory cycle: multiplexed bus, with/without read/write delay, extended ALE. . 169
Figure 55.
External memory cycle: multiplexed bus, with/without r/w delay, normal ALE, r/w CS. . . 170
Figure 56.
External memory cycle: multiplexed bus, with/without r/w delay, extended ALE,
r/w CS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 171
Figure 57.
External memory cycle: Demultiplexed bus, with/without r/w delay, normal ALE . . . . . . . 174
Figure 58.
External memory cycle: Demultiplexed bus, with/without r/w delay, extended ALE . . . . . 175
Figure 59.
External memory cycle: Demultipl. bus, with/without r/w delay, normal ALE, r/w CS . . . . 176
Figure 60.
External memory cycle: Demultiplexed bus, without r/w delay, extended ALE, r/w CS . . 177
Figure 61.
CLKOUT and READY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 179
Figure 62.
External bus arbitration (releasing the bus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Figure 63.
External bus arbitration (regaining the bus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 181
Figure 64.
SSC master timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 183
Figure 65.
SSC slave timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
Figure 66.
PQFP144 - 144-pin plastic quad flatpack 28 x 28 mm, 0.65 mm pitch,
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
Figure 67.
LQFP144 - 144 pin low profile quad flat package 20x20 mm, 0.5 mm pitch,
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com