Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272Z2 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 43Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 44Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 45Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 46Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 47Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 48Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 49Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 50Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 189 page
background image
ST10F272Z2
Bootstrap loader
47/189
6.3
Alternate and selective boot mode (ABM and SBM)
6.3.1
Activation of the ABM and SBM
Alternate boot is activated with the combination ‘01’ on Port0L[5..4] at the rising edge of
RSTIN.
6.3.2
User mode signature integrity check
The behavior of the Selective Boot Mode is based on the computing of a signature between
the content of 2 memory locations and a comparison with a reference signature. This
requires that users who use Selective Boot have reserved and programmed the Flash
memory locations.
6.3.3
Selective boot mode
When the user signature is not correct, instead of executing the Standard Bootstrap Loader
(triggered by P0L.4 low at reset), additional check is made.
Depending on the value at the User key location, following behavior will occur:
A jump is performed to the Standard Bootstrap Loader
Only UART is enabled for bootstraping
Only CAN1 is enabled for bootstraping
The device enters an infinite loop.


Similar Part No. - ST10F272Z2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272Z2Q3 STMICROELECTRONICS-ST10F272Z2Q3 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272Z2T3 STMICROELECTRONICS-ST10F272Z2T3 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
More results

Similar Description - ST10F272Z2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F272B STMICROELECTRONICS-ST10F272B Datasheet
1Mb / 181P
   16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
ST10F272B STMICROELECTRONICS-ST10F272B_12 Datasheet
1Mb / 188P
   16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
January 2008 Rev 2
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com