| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 90 Page - Renesas Technology Corp |
|
90 / 473 page ![]() R8C/28 Group, R8C/29 Group 9. Bus Rev.2.10 Sep 26, 2008 Page 71 of 441 REJ09B0279-0210 9. Bus The bus cycles differ when accessing ROM/RAM, and when accessing SFR. Table 9.1 lists Bus Cycles by Access Space of the R8C/28 Group and Table 9.2 lists Bus Cycles by Access Space of the R8C/29 Group. ROM/RAM and SFR are connected to the CPU by an 8-bit bus. When accessing in word (16-bit) units, these areas are accessed twice in 8-bit units. Table 9.3 lists Access Units and Bus Operations. Table 9.3 Access Units and Bus Operations However, only following SFRs are connected with the 16-bit bus: Timer RC: registers TRC, TRCGRA, TRCGRB, TRCGRC, and TRCGRD Therefore, when accessing in word (16-bit) unit, 16-bit data is accessed at a time. The bus operation is the same as “Area: SFR, data flash, even address byte access” in Table 9.3 Access Units and Bus Operations, and 16-bit data is accessed at a time. Table 9.1 Bus Cycles by Access Space of the R8C/28 Group Access Area Bus Cycle SFR 2 cycles of CPU clock ROM/RAM 1 cycle of CPU clock Table 9.2 Bus Cycles by Access Space of the R8C/29 Group Access Area Bus Cycle SFR/Data flash 2 cycles of CPU clock Program ROM/RAM 1 cycle of CPU clock Area SFR, data flash Even address Byte access ROM (program ROM), RAM Odd address Byte access Even address Word access Odd address Word access CPU clock Data Data Data Data Data Data Data Data Data Even Even Odd Odd Even+1 Even Odd+1 Odd Address Even+1 Odd+1 Odd Data Data Even Data CPU clock Data Address CPU clock Data Address CPU clock Data Address Data CPU clock Address Data CPU clock Address Data CPU clock Address Data CPU clock Address Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |