Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1206PBF Datasheet(PDF) 17 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 17 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 13Page - International Rectifier IP1206PBF Datasheet HTML 14Page - International Rectifier IP1206PBF Datasheet HTML 15Page - International Rectifier IP1206PBF Datasheet HTML 16Page - International Rectifier IP1206PBF Datasheet HTML 17Page - International Rectifier IP1206PBF Datasheet HTML 18Page - International Rectifier IP1206PBF Datasheet HTML 19Page - International Rectifier IP1206PBF Datasheet HTML 20Page - International Rectifier IP1206PBF Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
2/26/2008
www.irf.com
17
iP1206PbF
Fig. 18: Switching Frequency vs. External Resistor (Rt)
Shutdown using Soft Start pins
The outputs
can be shutdown by pulling the
soft-start pin below 0.25V. This can be easily
done
by
using
an
external
small
signal
transistor.
During
shutdown
both
MOSFET
drivers will be turned off. Normal operation will
resume by cycling soft start pin.
Operating Frequency Selection
The switching frequency is determined by
connecting an external resistor (Rt) to ground.
Fig. 18 provides a graph of oscillator frequency
versus
Rt.
The
maximum
recommended
channel frequency is 600kHz.
0
100
200
300
400
500
600
700
0
1020
3040
5060
70
Rt (kOhm)
Frequency Synchronization
The iP1206 is capable of accepting an external
digital synchronization signal. Synchronization
will be enabled by the rising edge at an external
clock. Per–channel switching frequency is set by
external
resistor
(Rt).
The
free
running
frequency oscillator frequency is twice the per-
channel frequency. During synchronization, Rt is
selected such that the free running frequency is
20%
below
the
synchronization
frequency.
Synchronization capability is provided for both
single output current share mode and dual
output
configuration. When unused, the sync
pin will remain floating and is noise immune.
Thermal Shutdown
Temperature sensing is provided inside iP1206.
The trip threshold is typically set to 135oC.
When
trip
threshold
is
exceeded,
thermal
shutdown turns off both MOSFETs. Thermal
shutdown is not latched and automatic restart is
initiated when the sensed temperature drops to
normal range. There is a 20oC hysteresis in the
shutdown threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com