Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1206PBF Datasheet(PDF) 20 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 20 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 16Page - International Rectifier IP1206PBF Datasheet HTML 17Page - International Rectifier IP1206PBF Datasheet HTML 18Page - International Rectifier IP1206PBF Datasheet HTML 19Page - International Rectifier IP1206PBF Datasheet HTML 20Page - International Rectifier IP1206PBF Datasheet HTML 21Page - International Rectifier IP1206PBF Datasheet HTML 22Page - International Rectifier IP1206PBF Datasheet HTML 23Page - International Rectifier IP1206PBF Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
2/26/2008
www.irf.com
20
iP1206PbF
Feedback Compensation
The iP1206 is a voltage mode controller; the control
loop is a single voltage feedback path including
error amplifier and error comparator. To achieve
fast
transient
response
and
accurate
output
regulation, a compensation circuit is necessary. The
goal of the compensation network is to provide a
closed loop transfer function with the highest 0dB
crossing frequency and adequate phase margin
(greater than 45o).
The output LC filter introduces a double pole, –
40dB/decade gain slope above its corner resonant
frequency, and a total phase lag of 180o (see Fig.
20). The resonant frequency of the LC filter
expressed as follows:
Since we already have 180o phase shift just from
the output filter, the system risks being unstable.
The iP1206’s error amplifier is a differential-input
transconductance amplifier. The output is available
for DC gain control or AC phase compensation.
The E/A can be compensated either in type II or
type III compensation. When it is used in type II
compensation the transconductance properties of
the E/A become evident and can be used to cancel
one
of
the
output
filter
poles.
This
will
be
accomplished with a series RC circuit from Comp
pin to ground as shown in Fig. 21.
This method requires that the output capacitor
should
have
enough
ESR
to
satisfy
stability
requirements. In general the output capacitor’s ESR
generates a zero typically at 5kHz to 50kHz which is
essential for an acceptable phase margin. The ESR
zero of the output capacitor expressed as follows:
-(12)
-
-
-
o
o
LC
C
L
F
∗
∗
=
π
2
1
Gain
FLC
0dB
Phase
0
FLC
-180
Frequency
Frequency
-40dB/decade
Fig. 20: Gain and Phase of LC filter
The transfer function (Ve/Vo) is given by:
The (s) indicates that the transfer function varies as
a
function
of
frequency.
This
configuration
introduces a gain and zero, expressed by:
The gain is determined by the voltage divider and
E/A’s transconductance gain.
First select the desired zero-crossover frequency
(Fo):
Use the following equation to calculate R
4:
Where:
V
in = Maximum Input Voltage
V
osc = Oscillator Ramp Voltage
F
o = Crossover Frequency
F
ESR = Zero Frequency of the Output Capacitor
F
LC = Resonant Frequency of the Output Filter
g
m = Error Amplifier Transconductance
-(13)
-
-
-
o
ESR
C
ESR
F
*
*
2
1
π
∗
=
Ve
VOUT
VREF
R5
R6
R4
C9
E/A
FZ
H(s) dB
Frequency
Gain(dB)
Fb
Comp
CPOLE
Fig. 21: TypeII compensation network
and its asymptotic gain plot
-(14)
-
-
-
9
9
4
6
5
5
1
*
*
)
(
sC
C
sR
R
R
R
g
s
H
m
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
()
[]
-(16)
-
-
-
F
-(15)
-
-
-
R
*
z
4
9
4
6
5
5
*
*
2
1
*
C
R
R
R
R
g
s
H
m
π
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
(
)
s
o
ESR
o
F
1/10
~
1/5
F
and
F
F
*
≤
>
-(17)
-
-
-
m
LC
in
ESR
o
osc
g
R
F
V
R
R
F
F
V
R
*
*
*
)
(
*
*
*
5
2
6
5
4
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com