Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1206PBF Datasheet(PDF) 27 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 27 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 22Page - International Rectifier IP1206PBF Datasheet HTML 23Page - International Rectifier IP1206PBF Datasheet HTML 24Page - International Rectifier IP1206PBF Datasheet HTML 25Page - International Rectifier IP1206PBF Datasheet HTML 26Page - International Rectifier IP1206PBF Datasheet HTML 27Page - International Rectifier IP1206PBF Datasheet HTML 28Page - International Rectifier IP1206PBF Datasheet HTML 29Page - International Rectifier IP1206PBF Datasheet HTML 30Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
2/26/2008
www.irf.com
27
iP1206PbF
Fig. 27 Top component and via placement (Topside, transparent view down)
PCB Layout Guidelines
The following guidelines are recommended to reduce the parasitic values and optimize overall performance.
• All pads on the iP1206 footprint design need to be Solder-mask defined (see Figure 26).
Also refer to
International Rectifier application notes AN1028 and AN1029 for further footprint design guidance.
• Place as many vias around the Power pads (VIN, VSW, and PGND) for both electrical and optimal thermal
performance.
• Vias in between the different power pads may overlap the pad opening and solder mask edge without the need
to plug the via hole. Vias with a 13mil drill hole and 25mil capture pad were used in this example.
• A minimum of six 10µF, X5R, 16V ceramic capacitors per iP1206 are recommended for the lowest loss due to
input capacitor ESR.
• Placement of the ceramic input capacitors is critical to optimize switching performance. In cases where there is
a space constraint on the top layer capacitors C3,C4, C7 and C8 can be placed on the bottom layer directly
below the footprints of C1, C2, C5 and C6.
• Dedicate at least two layers for PGND only.
• Duplicate the Power Nodes on multiple layers (refer to AN1029).
• Refer to AN-1030 for information on applying IPOWIR products in your thermal environment for Safe Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com