Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS3043 Datasheet(PDF) 3 Page - International Rectifier

Part # IRMCS3043
Description  Sensorless Motor Drive Platform with Integrated PFC for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS3043 Datasheet(HTML) 3 Page - International Rectifier

  IRMCS3043 Datasheet HTML 1Page - International Rectifier IRMCS3043 Datasheet HTML 2Page - International Rectifier IRMCS3043 Datasheet HTML 3Page - International Rectifier IRMCS3043 Datasheet HTML 4Page - International Rectifier IRMCS3043 Datasheet HTML 5Page - International Rectifier IRMCS3043 Datasheet HTML 6Page - International Rectifier IRMCS3043 Datasheet HTML 7Page - International Rectifier IRMCS3043 Datasheet HTML 8Page - International Rectifier IRMCS3043 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRMCS3043
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
3
1 Introduction
1.1
Overview
IRMCS3043 is a reference design platform for complete inverter-controlled appliance motor drive applications based
on iMOTIONTM chipset, up to 1.7kW continuous input power. By using the IRMCF343 digital control IC, it provides a
one-chip solution that simultaneously controls PFC frond-end circuit and one permanent magnetic (PM) AC motor
(sinusoidal back EMF) without requiring motor position sensors.
IRMCF343 is International Rectifier’s new integrated circuit device primarily designed as a one-chip solution for
sensorless permanent magnet motor control with integrated PFC in appliance applications. Unlike a traditional
microcontroller or DSP, IRMCF343 provides a built-in closed-loop sensorless control algorithm using a unique
Motion Control Engine (MCETM) for surface/interior permanent magnet motors with sinusoidal back EMF.
IRMCF343 also employs a unique single shunt current reconstruction circuit to eliminate additional analog/digital
circuitry and enables a direct shunt resistor interface to the IC. The MCETM consists of a collection of control
elements, motion peripherals, a dedicated motion control sequencer and dual port RAM to map internal signal nodes.
Motion control programming is achieved by using a dedicated graphical compiler integrated into the
MATLAB/SimulinkTM development environment. Sequencing, user interface, host communication, and upper layer
control tasks can be implemented in the 8051 high-speed 8-bit microcontroller. The 8051 microcontroller is equipped
with a JTAG port to facilitate emulation and debugging tools. Using the MCETM, IRMCF343 also achieves
simultaneous digital PFC control of the frond-end circuit that provides a regulated DC bus voltage to the inverter.
Figure 1 shows the IRMCS3043 system block diagram. In this platform, the PFC topology is implemented as the
conventional boost PFC; however, the IRMCF343 IC can also control the bridgeless PFC topology. Please contact the
iMOTION™ team for support if you need to control the bridgeless PFC using IRMCF343.
The IRMCS3043 power stage contains a Trench IGBT (IRGP4063DPbF) for the PFC and an integrated power module
(IRAMX16UP60A-2) for the inverter. The Trench IGBTs, part of IR’s iMOTION™ integrated design platform, have
lower collector-to-emitter saturation voltage (VCE(ON)) and total switching energy (ETS) than punch-through (PT)
and non-punch-through (NPT) type IGBTs. The combination of low VCE(ON) and ETS result in reduced power
dissipation and higher power density. IRAMX16UP60A-2 is an integrated power module developed and optimized for
appliance motor control.
IRMCF343
Multiple
Output
Power
Supply
IR2136
Digial I/O
Appliance Inverter
with PFC
3.3V
1.8V
Passive
EMI
Filter
Host
communication
Motor
(PMSM or IM)
PFC
Gate
Drive
Galvanic
isolation
EEPROM
Analog Input
18
2
2
Integrated Power Module
IRMCF343
Multiple
Output
Power
Supply
IR2136
Digial I/O
Appliance Inverter
with PFC
3.3V
1.8V
Passive
EMI
Filter
Host
communication
Motor
(PMSM or IM)
PFC
Gate
Drive
Galvanic
isolation
EEPROM
Analog Input
18
2
2
I n
t e
g
r a
t e
d
P
o
w
e
r
M
o
d
u
l e
Figure 1.
IRMCS3043 System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com