Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS3043 Datasheet(PDF) 9 Page - International Rectifier

Part # IRMCS3043
Description  Sensorless Motor Drive Platform with Integrated PFC for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS3043 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRMCS3043 Datasheet HTML 3Page - International Rectifier IRMCS3043 Datasheet HTML 4Page - International Rectifier IRMCS3043 Datasheet HTML 5Page - International Rectifier IRMCS3043 Datasheet HTML 6Page - International Rectifier IRMCS3043 Datasheet HTML 7Page - International Rectifier IRMCS3043 Datasheet HTML 8Page - International Rectifier IRMCS3043 Datasheet HTML 9Page - International Rectifier IRMCS3043 Datasheet HTML 10Page - International Rectifier IRMCS3043 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRMCS3043
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
9
2.5
PFC IGBT and Diode
At the PFC frond-end, one piece of IRGP4063DPbF trench IGBT and one piece of 30ETH06 hyperfast diode are
mounted on the same heat sink under the board. A 15-mΩ shunt resistor is in series with the inductor current flowing
path at the negative DC bus side. The shunt provides PFC current feedback as well as over-current protection (OCP).
The voltage across the shunts is fed to a comparator circuit. The comparator initiates the over-current shutdown
(PGatekill), and the PGatekill signal is fed to IRMCF343 IC. The OCP is about 20A peak. For more information
regarding trench IGBTs and hyperfast diode, please refer to their datasheets.
2.6
PFC Inductor
One piece of PFC inductor is provided separately from the PCB, and should be connected to the J2 connector. The
inductor shown in Figure 2 is 1.5mH at 15A Idc, with 10Arms current rating. You can use your own inductor for the
evaluation and test. The choice of inductor involves trade-offs in PFC control performance (current ripple, harmonics
and power factor), switching frequency, cost, space, power loss and EMI noise. The PFC switching frequency for the
IRMCS3043 is 30kHz, and the typical recommended reasonable inductance range is about 1mH to 1.5mH.
2.7
IRAM
At the inverter side, one piece of IRAMX16UP60A-2 is mounted on the same heat sink under the board. There are
two 20-mΩ shunt resistors (in parallel) that are inserted into the negative DC bus and external to the IRAM. These
shunts provide motor current feedback as well as over-current protection. The voltage across the shunts is fed to a
comparator circuit. The comparator initiates the over-current shutdown (CGatekill), and the CGatekill signal is fed to
both the IRAM and IRMCF343 IC. With the 10-mΩ shunt resistance and threshold set up of the comparator, the
OCP current is about 20A peak. For more information regarding IRAM, please refer to IRAM datasheet.
2.8
Power Supply
The switched-mode power supply (SMPS) operates at about 80 KHz and generates 15V(VCC), 5V and 3.3V. A 1.8V
DC voltage is generated from 3.3V by a linear regulator IRU1208. All these voltages are biased to the negative DC
bus. In addition, this SMPS also generates an isolated 12V which is used for the RS232 communication.
2.9
EMI Filter
The passive EMI filter on the board consists of two 1-µF X-caps, two 4.7-nF Y-caps and a 4-mH common-mode
inductor.
2.10 DC Bus Capacitors
Three pieces of 470-µF, 450 V, 85°C electrolytic capacitors are used as the DC bus capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com