Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS3043 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCS3043
Description  Sensorless Motor Drive Platform with Integrated PFC for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS3043 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCS3043 Datasheet HTML 3Page - International Rectifier IRMCS3043 Datasheet HTML 4Page - International Rectifier IRMCS3043 Datasheet HTML 5Page - International Rectifier IRMCS3043 Datasheet HTML 6Page - International Rectifier IRMCS3043 Datasheet HTML 7Page - International Rectifier IRMCS3043 Datasheet HTML 8Page - International Rectifier IRMCS3043 Datasheet HTML 9Page - International Rectifier IRMCS3043 Datasheet HTML 10Page - International Rectifier IRMCS3043 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRMCS3043
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
10
3 Specifications
TC = 25°C unless specified
Parameters
Values
Conditions
Input
Voltage
220V-230Vrms, -20%, +10%
Frequency
50/60 Hz
Input current
Watts
8A rms @nominal output
1700W continuous power
TA=40°C, RthSA=0.36 °C/W
Vin=230V AC, fPWM_PFC =30kHz,
fPWM_inverter =6kHz, fO=60Hz, TA=40°C,
RthSA=0.36 °C/W
Input line impedance
Input power factor
Harmonic current
4%∼8% recommended
>99%
Comply with EN61000-3-2 Class-A
Input power > 1500W
Output
Current
6 Arms nominal, 10 Arms Overload
RthSA limits ΔTC to 10°C during overload
Host Interface (RS232C)
TXD, RXD
10V
Typical 57.6 Kbps, single ended
JTAG interface
TMS, TDI, TCK, TDO
3.3V
Interface with FS2 debugger (NOT isolated
from the negative DC bus)
D/A
8- bit 2 Channel
0-3.3V output
8051 software needs modification to use it.
A/D
12-bit
0-1.2V
DC bus voltage, single-shunt motor current,
AC input voltage, AC input current, AIN1
DC bus voltage
Maximum DC bus voltage
400V
Should not exceed 400V for > 30 sec
Nominal DC bus voltage
370V
Configurable by PFC
PFC Current Feedback
Current sensing device
Resolution
Latency
Motor Current Feedback
Shunt resistor
12-bit
1 PWM cycle
Current sensing device
Single shunt reconstruction
Resolution
12-bit
Latency
1 PWM cycle
Protection
PFC current trip level
Motor current trip level
20A peak, ±10%
20A peak, ±10%
Detection from shunt on inductor current
return path
Detection from shunt on negative DC bus
Critical over voltage trip
430V
Re-scalable
Over voltage trip
410V
Re-scalable
Under voltage trip
120V
Re-scalable
Power Devices
Trench IGBT for PFC
IPM for inverter
IRGP4063DPbF
IRAMX16UP60A-2
System Environment
Ambient temperature
0 to 40°C
95% RH max. (Non-condensing)
Table 1.
IRMCS3043 Electrical Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com