Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS3043 Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCS3043
Description  Sensorless Motor Drive Platform with Integrated PFC for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS3043 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCS3043 Datasheet HTML 3Page - International Rectifier IRMCS3043 Datasheet HTML 4Page - International Rectifier IRMCS3043 Datasheet HTML 5Page - International Rectifier IRMCS3043 Datasheet HTML 6Page - International Rectifier IRMCS3043 Datasheet HTML 7Page - International Rectifier IRMCS3043 Datasheet HTML 8Page - International Rectifier IRMCS3043 Datasheet HTML 9Page - International Rectifier IRMCS3043 Datasheet HTML 10Page - International Rectifier IRMCS3043 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRMCS3043
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
8
have negative DC bus ground and it is necessary to isolate the scope when waveforms are measured and/or to isolate
the FS2 debugger when debugging is conducted.
2.3
IRMCF343
2.3.1 Power
IRMCF343 requires 3.3V and 1.8V. VDD1 is 3.3V used for I/O and VDD2 is 1.8V for digital logic. AVDD is
1.8V for analog and PLLVDD is for PLL. Only one source of 1.8V is shared in IRMCS3043 system. Typical
current value for 1.8V is less than 100 mA.
2.3.2 Crystal
A 4 MHz crystal is used to generate the system clock. The actual system frequency is adjustable by changing the Phase
Locked Loop configuration through Special Function Registers. For more information regarding clock, please refer to
the IRMCF34x and IRMCF37x User’s Guide.
2.3.3 Reset Circuit
IRMCF343 doesn’t require external RC circuit for reset. The reset switch is used when the JTAG debugger is started.
For more information regarding reset, please refer to the IRMCF34x and IRMCF37x User’s Guide.
2.3.4 EEPROM
Boot load takes place at power-up to load 8051 code and MCE code from an external EEPROM to internal RAM of
IRMCF343. EEPROM can be written using the MCEDesigner tool.
2.3.5 Digital I/O
Most of the digital I/O’s are connected to header J8 for the user’s convenience.
2.3.6 Analog Output
Analog D/A output channels are connected to header J6 for ease of use.
2.3.7 Motor Single-Shunt Current Feedback
IRMCF343 contains an Operational Amplifier for the single shunt motor current reconstruction circuit. Resistors and
capacitors for the amplifier circuit are placed very close to the pins. Note that, to provide better current feedback, there
is a separate trace from the shunt resistor instead of sharing a plane with negative DC bus ground.
2.3.8 PFC Current Feedback
IRMCF343 contains an Operational Amplifier for PFC current feedback. The PFC current feedback signal is
obtained through a shunt resistor that is in series with the PFC inductor and located at the negative DC bus side.
Resistors and capacitors for the amplifier circuit are placed very close to the pins. Note that, to provide better current
feedback, there is a separate trace from the shunt resistor instead of sharing a plain with negative DC bus ground.
2.3.9 AC Input Voltage Feedback
IRMCF343 contains an Operational Amplifier for AC input voltage feedback which is mainly used for PFC control.
The AC input voltage signal is obtained through a proprietary differential amplifier circuit and control logic that is
embedded inside of the IRMCF343 IC, together with a few external resistors and capacitors.
2.3.10 DC Bus Voltage Feedback
The DC bus voltage feedback is used in both motor control and PFC control. This is implemented through a voltage
divider circuit, and the scaled-down analog signal is fed into an ADC input pin (AIN0) of IRMCF343.
2.4
Input Diode Bridge Rectifier
One piece of IR25XB08H diode bridge rectifier is mounted on a heat sink under the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com