Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS3043 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCS3043
Description  Sensorless Motor Drive Platform with Integrated PFC for Appliance Based on iMOTIONTM Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS3043 Datasheet(HTML) 1 Page - International Rectifier

  IRMCS3043 Datasheet HTML 1Page - International Rectifier IRMCS3043 Datasheet HTML 2Page - International Rectifier IRMCS3043 Datasheet HTML 3Page - International Rectifier IRMCS3043 Datasheet HTML 4Page - International Rectifier IRMCS3043 Datasheet HTML 5Page - International Rectifier IRMCS3043 Datasheet HTML 6Page - International Rectifier IRMCS3043 Datasheet HTML 7Page - International Rectifier IRMCS3043 Datasheet HTML 8Page - International Rectifier IRMCS3043 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
Preliminary Datasheet
IRMCS3043
Sensorless Motor Drive Platform with Integrated PFC
for Appliance Based on iMOTIONTM Chipset
Features
IRMCF343 - iMOTION
TM digital control IC–based
system
MCE
TM (Motion Control Engine) - Hardware based
computation engine for high efficiency sinusoidal
sensorless control of Permanent Magnet motors
Integrated digital power factor correction (PFC)
Supports both interior and surface permanent
magnet motor sensorless control
Single shunt current feedback reconstruction
No external current or voltage sensing OP amp
circuit required
230V/1700W continuous power with Trench IGBT
for PFC and Integrated Power Module for inverter
Harmonics complying with EN61000-3-2 Class-A
Loss minimization Space Vector PWM
Two-channel analog output (PWM)
Embedded 8-bit high speed microcontroller (8051)
for flexible I/O and man-machine control
JTAG programming port for emulation/debugger
I2C serial interface to EEPROM
MCEDesignerTM tool for easy operation
Flexible drive configuration
RS232C interface
Over-current and over-voltage/under-voltage
protection
EMI filter and switch-mode power supply included
Product Summary
Continuous input power
1700W*
Continuous output current
6.0 Arms*
Maximum overload output current
20 Apeak**
Maximum Internal clock (SYSCLK)
128 MHz
Sensorless control computation time
11 µsec typ.
RAM loaded from external EEPROM
48 Kbytes
Data RAM
8 Kbytes
A/D input channels
5
A/D converter resolution
12 bits
A/D converter conversion speed
2 µsec
8051 instruction execution speed
2 SYSCLK
Analog output (PWM) resolution
8 bits
RS232C baud rate (typ.)
57.6 Kbps
* Upgradeable to higher current with larger heat sink
** Changeable by modifying the hardware.
Description
IRMCS3043 is a reference design platform for IRMCF343, a high performance RAM-based motion control IC designed
primarily for appliance applications, up to 1.7kW continuous input power. It’s mainly aimed to achieve simple, low cost and
high performance solutions for advanced appliance motor control. It consists of an active PFC frond-end and an inverter
stage, both of which are controlled by the IRMCF343 digital IC
simultaneously. The power stage contains a Trench IGBT
(IRGP4063DPbF) for the PFC and an integrated power module (IRAMX16UP60A-2) for the inverter, which are part of
iMOTION
TM chipset. Users can readily evaluate high performance sensorless control with MCEDesignerTM software without
spending development effort usually required in the traditional DSP or microcontroller based system. The complete B/Ms,
schematics and layout are provided so that the user can adapt and tailor the design per application needs.


Similar Part No. - IRMCS3043

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
More results

Similar Description - IRMCS3043

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMS06UP60B IRF-IRAMS06UP60B Datasheet
407Kb / 18P
Plug N Drive Integrated Power Module for Appliance Motor Drive
IRAMS10UP60APBF IRF-IRAMS10UP60APBF Datasheet
639Kb / 17P
Plug N Drive??Integrated Power Module for Appliance Motor Drive
IRMCS2031 IRF-IRMCS2031_07 Datasheet
410Kb / 21P
Complete Sensorless Drive Design Platform iMOTIONTM Development System
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
IRMCS1071 IRF-IRMCS1071 Datasheet
464Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
IRAMS10UP60A IRF-IRAMS10UP60A_05 Datasheet
413Kb / 17P
PLUG N DRIVE INTEGRATED POWER MODULE FOR APPLIANCE MOTOR DRIVE
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
Integrated Power Hybrid IC for Appliance Motor Drive Applications
logo
Advantech Co., Ltd.
FWA-3220 ADVANTECH-FWA-3220 Datasheet
472Kb / 2P
1U Rackmount Network Appliance based on the Intel짰 Platform for Communications Infrastructure
logo
International Rectifier
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
Integrated Power Module for Small Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com