Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 82Page - ATMEL Corporation AT89LP51 Datasheet HTML 83Page - ATMEL Corporation AT89LP51 Datasheet HTML 84Page - ATMEL Corporation AT89LP51 Datasheet HTML 85Page - ATMEL Corporation AT89LP51 Datasheet HTML 86Page - ATMEL Corporation AT89LP51 Datasheet HTML 87Page - ATMEL Corporation AT89LP51 Datasheet HTML 88Page - ATMEL Corporation AT89LP51 Datasheet HTML 89Page - ATMEL Corporation AT89LP51 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
86
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
implements mode 2 and also blocks reads from the code and data memories; however, reads of
the User Signature Array, Atmel Signature Array, and User Configuration Fuses are still allowed.
The Lock Bits will not disable FDATA or IAP programming initiated by the application software.
17.7
User Configuration Fuses
The AT89LP51/52 includes 10 user fuses for configuration of the device. Each fuse is accessed
at a separate address in the User Fuse Row as listed in Table 17-5. Fuses are cleared by pro-
gramming 00h to their locations. Programming FFh to a fuse location will cause that fuse to
maintain its previous state. To set a fuse (set to FFh) the fuse row must be erased and then
reprogrammed using the Fuse Write with Auto-erase command. The default state for all fuses is
FFh.
Table 17-4.
Lock Bit Protection Modes
Program Lock Bits (by address)
Mode
00h
01h
02h
Protection Mode
1
FFh
FFh
FFh
No program lock features
200h
FFh
FFh
Further programming of the Flash is disabled
300h
00h
FFh
Further programming of the Flash is disabled and verify (read) is also disabled
4
00h
00h
00h
Further programming of the Flash is disabled and verify (read) is also disabled;
External execution above 4K/8K is disabled
Table 17-5.
User Configuration Fuse Definitions
Address
Fuse Name
Description
00 – 01h
Clock Source – CS[0:1](2)
Selects source for the system clock:
CS1
CS0
Selected Source
FFh
FFh
High Speed Crystal Oscillator (XTAL)
FFh
00h
Low Speed Crystal Oscillator (XTAL)
00h
FFh
External Clock on XTAL1 (XCLK)
00h
00h
Internal Auxiliary Oscillator (IRC)
02 – 03h
Start-up Time – SUT[0:1]
Selects time-out delay for the POR/BOD/PWD wake-up period:
SUT1
SUT0
Selected Time-out
00h
00h
1 ms (XTAL); 16 µs (XCLK/IRC)
00h
FFh
2 ms (XTAL); 512 µs (XCLK/IRC)
FFh
00h
4 ms (XTAL); 1 ms (XCLK/IRC)
FFh
FFh
16 ms (XTAL); 4 ms (XCLK/IRC)
04h
Compatibility Mode
FFh: CPU functions in 12-clock Compatibility mode
00h: CPU functions is single-cycle Fast mode
05h
ISP Enable(3)
FFh: In-System Programming Enabled
00h: In-System Programming Disabled (Enabled at POR only)
06H
User Signature Programming
FFh: Programming of User Signature Disabled
00h: Programming of User Signature Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com