Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 57Page - ATMEL Corporation AT89LP51 Datasheet HTML 58Page - ATMEL Corporation AT89LP51 Datasheet HTML 59Page - ATMEL Corporation AT89LP51 Datasheet HTML 60Page - ATMEL Corporation AT89LP51 Datasheet HTML 61Page - ATMEL Corporation AT89LP51 Datasheet HTML 62Page - ATMEL Corporation AT89LP51 Datasheet HTML 63Page - ATMEL Corporation AT89LP51 Datasheet HTML 64Page - ATMEL Corporation AT89LP51 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
61
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Interrupt flag (RI) will be automatically set when the received byte contains either the “Given”
address or the “Broadcast” address. The 9-bit mode requires that the 9th information bit be a “1”
to indicate that the received information is an address and not data.
In Mode 1 (8-bit) the RI flag will be set if SM2 is enabled and the information received has a valid
stop bit following the 8th address bits and the information is either a Given or Broadcast
address. Automatic Address Recognition is not available during Mode 0.
Using the Automatic Address Recognition feature allows a master to selectively communicate
with one or more slaves by invoking the given slave address or addresses. All of the slaves may
be contacted by using the Broadcast address. Two special Function Registers are used to
define the slave’s address, SADDR, and the address mask, SADEN. SADEN is used to define
which bits in the SADDR are to be used and which bits are “don’t care”. The SADEN mask can
be logically ANDed with the SADDR to create the “Given” address which the master will use for
addressing each of the slaves. Use of the Given address allows multiple slaves to be recognized
while excluding others. The following examples show the versatility of this scheme:
Slave 0
SADDR = 1100 0000
SADEN = 1111 1101
Given
= 1100 00X0
Slave 1
SADDR = 1100 0000
SADEN = 1111 1110
Given
= 1100 000X
In the previous example, SADDR is the same and the SADEN data is used to differentiate
between the two slaves. Slave 0 requires a “0” in bit 0 and it ignores bit 1. Slave 1 requires a “0”
in bit 1 and bit 0 is ignored. A unique address for slave 0 would be 1100 0010 since slave 1
requires a “0” in bit 1. A unique address for slave 1 would be 1100 0001 since a “1” in bit 0 will
exclude slave 0. Both slaves can be selected at the same time by an address which has bit 0 = 0
(for slave 0) and bit 1 = 0 (for slave 1). Thus, both could be addressed with 1100 0000.
In a more complex system, the following could be used to select slaves 1 and 2 while excluding
slave 0:
Slave 0
SADDR = 1100 0000
SADEN = 1111 1001
Given
= 1100 0XX0
Slave 1
SADDR = 1110 0000
SADEN = 1111 1010
Given
= 1110 0X0X
Slave 2
SADDR = 1110 0000
SADEN = 1111 1100
Given
= 1110 00XX
In the above example, the differentiation among the 3 slaves is in the lower 3 address bits. Slave
0 requires that bit 0 = 0 and it can be uniquely addressed by 1110 0110. Slave 1 requires that
bit 1 = 0 and it can be uniquely addressed by 1110 and 0101. Slave 2 requires that bit 2 = 0 and
its unique address is 1110 0011. To select Slaves 0 and 1 and exclude Slave 2, use address
1110 0100, since it is necessary to make bit 2 = 1 to exclude slave 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com