Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 43Page - ATMEL Corporation AT89LP51 Datasheet HTML 44Page - ATMEL Corporation AT89LP51 Datasheet HTML 45Page - ATMEL Corporation AT89LP51 Datasheet HTML 46Page - ATMEL Corporation AT89LP51 Datasheet HTML 47Page - ATMEL Corporation AT89LP51 Datasheet HTML 48Page - ATMEL Corporation AT89LP51 Datasheet HTML 49Page - ATMEL Corporation AT89LP51 Datasheet HTML 50Page - ATMEL Corporation AT89LP51 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
47
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
11.3
Mode 2 – 8-bit Auto-Reload Timer/Counter
Mode 2 configures the Timer register as an 8-bit Counter (TL1) with automatic reload, as shown
in Figure 11-3. Overflow from TL1 not only sets TF1, but also reloads TL1 with the contents of
TH1, which is preset by software. The reload leaves TH1 unchanged. Mode 2 operation is the
same for Timer/Counter 0.
Figure 11-3. Timer/Counter 1 Mode 2: 8-bit Auto-Reload
11.4
Mode 3 – 8-bit Split Timer
Timer 1 in Mode 3 simply holds its count. The effect is the same as setting TR1 = 0. Timer 0 in
Mode 3 establishes TL0 and TH0 as two separate counters. The logic for Mode 3 on Timer 0 is
shown in Figure 11-4. TL0 uses the Timer 0 control bits: C/T, GATE0, TR0, INT0, and TF0. TH0
is locked into a timer function (counting clock cycles) and takes over the use of TR1 and TF1
from Timer 1. Thus, TH0 now controls the Timer 1 interrupt. While Timer 0 is in Mode 3, Timer 1
will still obey its settings in TMOD but cannot generate an interrupt.
Mode 3 is for applications requiring an extra 8-bit timer or counter. With Timer 0 in Mode 3, the
AT89LP51/52 can appear to have four Timer/Counters. When Timer 0 is in Mode 3, Timer 1 can
be turned on and off by switching it out of and into its own Mode 3. In this case, Timer 1 can still
be used by the serial port as a baud rate generator or in any application not requiring an
interrupt.
Figure 11-4. Timer/Counter 0 Mode 3: Two 8-bit Counters
Mode 2:
Time-out Period
256
TH0
–
()
System Frequency
--------------------------------------------------
TPS
1
+
()
×
=
OSC
T1 Pin
TR1
GATE1
TF1
TL1
(8 Bits)
TH1
(8 Bits)
Control
Reload
Interrupt
INT0 Pin
C/T = 0
C/T = 1
÷CDV
÷TPS
Control
Interrupt
Control
Interrupt
(8 Bits)
(8 Bits)
C/T = 0
C/T =1
T0 Pin
GATE0
INT0 Pin
÷TPS
÷TPS
÷CDV
OSC
÷CDV
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com