Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 85Page - ATMEL Corporation AT89LP51 Datasheet HTML 86Page - ATMEL Corporation AT89LP51 Datasheet HTML 87Page - ATMEL Corporation AT89LP51 Datasheet HTML 88Page - ATMEL Corporation AT89LP51 Datasheet HTML 89Page - ATMEL Corporation AT89LP51 Datasheet HTML 90Page - ATMEL Corporation AT89LP51 Datasheet HTML 91Page - ATMEL Corporation AT89LP51 Datasheet HTML 92Page - ATMEL Corporation AT89LP51 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 113 page
background image
89
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Figure 17-11. In-System Programming (ISP) Start Sequence
17.9.4
ISP Exit Sequence
Execute this sequence to exit ISP mode and resume CPU execution mode.
1.
Drive SCK low.
1.
Wait at least t
SSD.
2.
Tristate MOSI.
3.
Wait at least t
RHZ and bring RST low.
4.
Wait t
SSZ and tristate SCK.
Figure 17-12. In-System Programming (ISP) Exit Sequence
Note:
The waveforms on this page are not to scale.
17.9.5
Serial Peripheral Interface
The Serial Peripheral Interface (SPI) is a byte-oriented full-duplex synchronous serial communi-
cation channel. During In-System Programming, the programmer always acts as the SPI master
and the target device always acts as the SPI slave. The target device receives serial data on
MOSI and outputs serial data on MISO. The Programming Interface implements a standard
SPI Port with a fixed data order and For In-System Programming, bytes are transferred MSB
first as shown in Figure 17-13. The SCK phase and polarity follow SPI clock mode 0 (CPOL = 0,
CPHA = 0) where bits are sampled on the rising edge of SCK and output on the falling edge of
SCK. For more detailed timing information see Figure 17-14.
tSTL
VDD
RST
SCK
HIGH Z
MOSI
HIGH Z
MISO
XTAL1
tRLZ
tZSS
tSSE
VDD
RST
SCK
HIGH Z
MOSI
HIGH Z
MISO
XTAL1
tSSZ
tSSD
tRHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com