Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 20Page - ATMEL Corporation AT89LP51 Datasheet HTML 21Page - ATMEL Corporation AT89LP51 Datasheet HTML 22Page - ATMEL Corporation AT89LP51 Datasheet HTML 23Page - ATMEL Corporation AT89LP51 Datasheet HTML 24Page - ATMEL Corporation AT89LP51 Datasheet HTML 25Page - ATMEL Corporation AT89LP51 Datasheet HTML 26Page - ATMEL Corporation AT89LP51 Datasheet HTML 27Page - ATMEL Corporation AT89LP51 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
24
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
5.
Enhanced CPU
The AT89LP51/52 uses an enhanced 8051 CPU that runs at 6 to 12 times the speed of standard
8051 devices (or 3 to 6 times the speed of X2 8051 devices). The increase in performance is
due to two factors. First, the CPU fetches one instruction byte from the code memory every clock
cycle. Second, the CPU uses a simple two-stage pipeline to fetch and execute instructions in
parallel. This basic pipelining concept allows the CPU to obtain up to 1 MIPS per MHz. The
AT89LP51/52 also has a Compatibility mode that preserves the 12-clock machine cycle of stan-
dard 8051s like the AT89S51/52.
5.1
Fast Mode
Fast (Single-Cycle) mode must be enabled by clearing the Compatibility User Fuse. (See “User
Configuration Fuses” on page 86.) In this mode one instruction byte is fetched every system
clock cycle. The 8051 instruction set allows for instructions of variable length from 1 to 3 bytes.
In a single-clock-per-byte-fetch system this means each instruction takes at least as many
clocks as it has bytes to execute. The majority of instructions in the AT89LP51/52 follow this
rule: the instruction execution time in system clock cycles equals the number of bytes per
instruction, with a few exceptions. Branches and Calls require an additional cycle to compute the
target address and some other complex instructions require multiple cycles. See “Instruction Set
Summary” on page 75. for more detailed information on individual instructions.
Example of Fast mode instructions are shown in Figure 5-1. Note that Fast mode instructions
take three times as long to execute if they are fetched from external program memory.
Figure 5-1.
Instruction Execution Sequences in Fast Mode
READ NEXT
OPCODE
(A) 1-byte, 1-cycle instruction, e.g. INC A
S1
(B) 2-byte, 2-cycle instruction, e.g. ADD A, #data
S1
S2
READ NEXT OPCODE
READ OPERAND
(C) 1-byte, 2-cycle instruction, e.g. INC DPTR
S1
S2
READ NEXT OPCODE
(D) MOVX (1-byte, 4-cycle)
S1
S2
S3
S4
ADDR
DATA
ACCESS EXTERNAL
MEMORY
CLK
READ NEXT
OPCODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com