Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 99Page - ATMEL Corporation AT89LP51 Datasheet HTML 100Page - ATMEL Corporation AT89LP51 Datasheet HTML 101Page - ATMEL Corporation AT89LP51 Datasheet HTML 102Page - ATMEL Corporation AT89LP51 Datasheet HTML 103Page - ATMEL Corporation AT89LP51 Datasheet HTML 104Page - ATMEL Corporation AT89LP51 Datasheet HTML 105Page - ATMEL Corporation AT89LP51 Datasheet HTML 106Page - ATMEL Corporation AT89LP51 Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
103
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
19. Ordering Information
19.1
Green Package Option (Pb/Halide-free)
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
20
2.4V to 5.5V
AT89LP51-20AU
AT89LP51-20PU
AT89LP51-20JU
AT89LP51-20MU
44A
40P6
44J
44M1
Industrial
(-40
° C to 85° C)
20
2.4V to 5.5V
AT89LP52-20AU
AT89LP52-20PU
AT89LP52-20JU
AT89LP52-20MU
44A
40P6
44J
44M1
Industrial
(-40
° C to 85° C)
Package Types
44A
44-lead, Thin Plastic Quad Flat Package (TQFP)
40P6
40-lead, 0.600” Wide, Plastic Dual Inline Package (PDIP)
44J
44-lead, Plastic J-leaded Chip Carrier (PLCC)
44M1
44-pad, 7 x 7 x 1.0 mm Body, Plastic Very Thin Quad Flat No Lead Package (VQFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com